| データシートサーチシステム |
|
DAMM15SC データシート(PDF) 214 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMM15SC データシート(HTML) 214 Page - ITT Industries |
|
214 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 213 D Subminiature Accessories Locking Hardware #4-40 UNC THREAD 0,89 ± 0,13 (.035 ± .005) 0,64 ± 0,13 (.025 ± .005) Ø 5,59 (.220) MAX 1,73 (.068) MAX Ø 5,59 (.220) MAX 9,40 (.370) MAX 16,26 (.640) MAX 4,57 (.180) MAX CONNECTOR ASSEMBLY 4,75 (.187) HEX (ACROSS FLATS) CONNECTOR ASSEMBLY #4-40 UNC THREAD #4-40 UNC THREAD PANEL 3,18 (.125) MAX 1,14 ± 0,13 (.045 ± .005) 14,10 ± 0,13 (.555 ± .005) 5,84 ± 0,13 (.230 ± .005) 5,59 (.220) MIN PERFECT THD Kit consists of 2 studs, 2 heads, 1 tube retaining compound Order one kit per connector Part Number: D110550 Materials and Finishes Material: Stainless Steel Kit consists of 2 posts, 2 hex nuts, 2 lock washers Order one kit per connector Part Number: D110551 Materials and Finishes Material: Stainless Steel Treatment: Passivated NOTE: Jackpost is not compatible with rear-panel mount connectors. Jackscrew/Jackpost Assemblies Jackpost Assembly Jackscrew Assembly Jackpost Assembly Jackscrew Assembly ITT Cannon offers the largest variety of locking and latching hardware. Refer to the accessories selection guide on pages 198-199 for use with ITT Cannon Connectors. #2-56 UNC THD HEAD, JACKSCREW STUD, JACKSCREW RETAINING COMPOUND Ø 3,05 (.120) FEMALE POST #4-40 UNC-2A THD #4-40 UNC-2B THD Ø 3,05 (.120) WASHER, #4 LOCK #4 HEX NUT #4-40 UNC THD |