データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TKS-G30 データシート(PDF) 1 Page - AAEON Technology

部品番号 TKS-G30
部品情報  Fanless Chassis Kit for GENE-5315/ 5312
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AAEON [AAEON Technology]
ホームページ  http://www.aaeon.com
Logo AAEON - AAEON Technology

TKS-G30 データシート(HTML) 1 Page - AAEON Technology

  TKS-G30 Datasheet HTML 1Page - AAEON Technology TKS-G30 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Specifications
Note: All specifications are subject to change without notice.
12-9
12
Fanless Design
2.5” Hard Disk Drive and CompactFlash™
802.11b/g WiFi (Optional)
COM x 2, USB x 2 or 4, 8-bit Digital I/O (Optional)
Built-in AC-in or DC-in Power Supply
Desktop or Wallmount (Optional)
System
CPU Board Support
GENE-5315, GENE-5312
Display
VGA
D-Sub 15 x 1
Storage
SSD
Type II CompactFlash™ Slot x 1
HDD
2.5” Hard Disk Drive Bay x 1
LAN
Ethernet
10/100Base-TX, RJ-45 x 2
Wireless
802.11b/g WiFi Kit (optional)
System I/O
PS/2 Port
PS/2 x 1 for keyboard and mouse through Y-cable
Serial Port
D-Sub 9 x 2
USB Port
USB Type A x2 or x 4
Digital I/O
8-bit programmable (optional)
Audio
Line-out, Mic
LED Indicator
Power LED x 1, HDD LED x 1
Power
Supply
DC Input
AT or ATX type, +9V ~ +30V Input
AC Input
AT type, 100V ~ 240V Input
System Cooling
Fanless
Mechanical &
Environmental
Operating Temperature
32°F ~ 104°F (0°C ~40°C)
Vibration
0.5g rms/ 5~500Hz/ random operation
EMC
CE /FCC class A
Dimensions
10”(W) x 5.75”(D) x 1.93”(H) (254mm x 146mm x 49mm)
Construction
Heavy duty steel
Mounting
Desktop or Wallmount (Optional)
Color
Black
Line-out
COM
Keyboard + Mouse
CompactFlash™ Slot
Power LED
Mic-in
USB x 4
VGA
Power Switch
Power Input
COM
Ethernet x 2
Hard Disk Drive LED
Fanless Chassis Kit for GENE-5315/ 5312
TKS-G30


同様の部品番号 - TKS-G30

メーカー部品番号データシート部品情報
logo
AAEON Technology
TKS-G30-5315B AAEON-TKS-G30-5315B Datasheet
391Kb / 2P
   Fanless Embedded Box for GENE-5315 Rev.B
More results

同様の説明 - TKS-G30

メーカー部品番号データシート部品情報
logo
AAEON Technology
TKS-G30-5315B AAEON-TKS-G30-5315B Datasheet
391Kb / 2P
   Fanless Embedded Box for GENE-5315 Rev.B
TKS-G20-LN05 AAEON-TKS-G20-LN05 Datasheet
292Kb / 2P
   Fanless Embedded Box for GENE-LN05
TKS-G21-CV05 AAEON-TKS-G21-CV05 Datasheet
350Kb / 2P
   Fanless Embedded Box for GENE-CV05
TKS-G20-9310 AAEON-TKS-G20-9310 Datasheet
331Kb / 2P
   Fanless Embedded Box For GENE-9310
TKS-G20-9455 AAEON-TKS-G20-9455 Datasheet
330Kb / 2P
   Fanless Embedded Box for GENE-9455
logo
Bud Industries, Inc.
CSA-11262 BUD-CSA-11262 Datasheet
45Kb / 1P
   SUPPORT ANGLE KIT, CHASSIS KIT
logo
AAEON Technology
TKS-G50-9310 AAEON-TKS-G50-9310 Datasheet
269Kb / 2P
   Embedded Box for GENE-9310
PCM-3532 AAEON-PCM-3532 Datasheet
117Kb / 1P
   Daughter Board for Gene Series
logo
SparkFun Electronics
ROB-14339 SPARKFUN-ROB-14339 Datasheet
73Kb / 2P
   Circular Robotics Chassis Kit (Three-Layer)
9-8-17
ROB-14332 SPARKFUN-ROB-14332 Datasheet
101Kb / 2P
   Circular Robotics Chassis Kit (Two-Layer)
9-8-17
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com