データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DTL9604 データシート(PDF) 5 Page - DinTek Semiconductor Co,.Ltd

部品番号 DTL9604
部品情報  N-Channel 60 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DINTEK [DinTek Semiconductor Co,.Ltd]
ホームページ  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTL9604 データシート(HTML) 5 Page - DinTek Semiconductor Co,.Ltd

  DTL9604 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
* The power dissipation PD is based on TJ(max.) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
32
64
96
128
160
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
Package Limited
Power, Junction-to-Case
0
25
50
75
100
125
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
Power, Junction-to-Ambient
0.0
0.6
1.2
1.8
2.4
3.0
0
25
50
75
100
125
150
T
A - Ambient Temperature (°C)
DT
www.
daysemi.jp


同様の部品番号 - DTL9604

メーカー部品番号データシート部品情報
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
1Mb / 8P
   N-Channel 60 V (D-S) MOSFET Low Qg for High Efficiency
logo
SHENZHEN DOINGTER SEMIC...
DTL9604 DOINGTER-DTL9604 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604_13 Datasheet
1Mb / 8P
   N-Channel 60 V (D-S) MOSFET Low Qg for High Efficiency
More results

同様の説明 - DTL9604

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com