データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DTL9604 データシート(PDF) 1 Page - DinTek Semiconductor Co,.Ltd

部品番号 DTL9604
部品情報  N-Channel 60 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DINTEK [DinTek Semiconductor Co,.Ltd]
ホームページ  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTL9604 データシート(HTML) 1 Page - DinTek Semiconductor Co,.Ltd

  DTL9604 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
N-Channel 60 V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
100 % Rg and UIS Tested
•Low Qg for High Efficiency
APPLICATIONS
Primary Side Switch
POL
Synchronous Rectifier
DC/DC Converter
Amusement System
Industrial
LED Backlighting
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
a
Qg (Typ.)
60
0.0027 at VGS = 10 V
60
27.5 nC
0.0033 at VGS = 6 V
60
0.0048 at VGS = 4.5 V
60
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
60a
A
TC = 70 °C
60a
TA = 25 °C
35.8b, c
TA = 70 °C
28.6b, c
Pulsed Drain Current (60 µs Pulse Width)
IDM
350
Continuous Source-Drain Diode Current
TC = 25 °C
IS
60a
TA = 25 °C
5.6b, c
Single Pulse Avalanche Current
L =
0.1 mH
IAS
40
Single Pulse Avalanche Energy
EAS
80
mJ
Maximum Power Dissipation
TC = 25 °C
PD
104
W
TC = 70 °C
66.6
TA = 25 °C
6.25b, c
TA = 70 °C
4b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambient
t
 10 s
RthJA
15
20
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
0.9
1.2
TO-220AB
Top View
GD S
DT
www.
daysemi.jp


同様の部品番号 - DTL9604

メーカー部品番号データシート部品情報
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
1Mb / 8P
   N-Channel 60 V (D-S) MOSFET Low Qg for High Efficiency
logo
SHENZHEN DOINGTER SEMIC...
DTL9604 DOINGTER-DTL9604 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604_13 Datasheet
1Mb / 8P
   N-Channel 60 V (D-S) MOSFET Low Qg for High Efficiency
More results

同様の説明 - DTL9604

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com