| データシートサーチシステム |
|
MCP19111 データシート(PDF) 162 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP19111 データシート(HTML) 162 Page - Microchip Technology |
|
162 / 222 page ![]() FIGURE 27-12: I2C SLAVE, 10-BIT ADDRESS, RECEPTION (SEN = 1, AHEN = 0, DHEN = 0) SSPIF Receive First Address Byte ACK Receive Second Address Byte ACK Receive Data ACK Receive Data ACK 1 1 1 1 0 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 SDA SCL UA CKP 1 2 34 5 6 78 91 2 3 4 5 6 7 8 9 1 2 3 45 67 8 9 1 2 34 5 6 78 9 P Master sends Stop condition Cleared by software Receive address is Software updates SSPADD Data is read SCL is held low Set by software, while CKP = 0 from SSPBUF releasing SCL When SEN = 1; CKP is cleared after 9th falling edge of received byte read from SSPBUF and releases SCL When UA = 1; If address matches Set by hardware on 9th falling edge SSPADD it is loaded into SSPBUF SCL is held low S BF |