| データシートサーチシステム |
|
APFCON データシート(PDF) 190 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
APFCON データシート(HTML) 190 Page - Microchip Technology |
|
190 / 222 page ![]() MCP19111 DS22331A-page 190 2013 Microchip Technology Inc. For additional interface recommendations, refer to your specific device programmer manual prior to PCB design. It is recommended that isolation devices be used to separate the programming pins from other circuitry. The type of isolation is highly dependent on the specific application and may include devices, such as resistors, diodes, or even jumpers. See Figure 28-3 for more information. FIGURE 28-3: TYPICAL CONNECTION FOR ICSP PROGRAMMING VDD VPP VSS External Device to be Data Clock VDD MCLR VSS ICSPDAT ICSPCLK * * * To Normal Connections * Isolation devices (as required) Programming Signals Programmed VDD |