| データシートサーチシステム |
|
OPTION_REG データシート(PDF) 219 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
OPTION_REG データシート(HTML) 219 Page - Microchip Technology |
|
219 / 222 page ![]() 2013 Microchip Technology Inc. DS22331A-page 219 MCP19111 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX Package Temperature Range Device Device: MCP19111: Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver Tape and Reel Option: Blank = Standard packaging (tube) T = Tape and Reel Temperature Range: E= -40 C to +125C (Extended) Package: MQ = 28-lead Plastic Quad Flat, No Lead Package - 5x5x0.9 mm Body (QFN) Examples: a) MCP19111-E/MQ: Extended temperature, QFN 5x5 package a) MCP19111T-E/MQ: Tape and Reel, Extended temperature, QFN 5x5 package Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. [X](1) Tape and Reel Option - |