データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GLC50A データシート(PDF) 1 Page - SL Power Electronics

部品番号 GLC50A
部品情報  INSTALLATION INSTRUCTIONS GLC50 MULTI OUTPUT SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SLPOWER [SL Power Electronics]
ホームページ  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GLC50A データシート(HTML) 1 Page - SL Power Electronics

  GLC50A Datasheet HTML 1Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SL Power Electronics, Corp..
6050 King Dr. Bldg. A
VENTURA, CA 93003 + 805-486-4565
MODEL NUMBERS: GLC50X -YYYG, where X represents the output voltage selected from the Table below, -YYY
represents Value Added Options not related to Safety and G represents compliance to RoHS. Model may be followed by
suffix –C for chassis & cover option.
R A T I N G S
Input: 100-240 VAC, 1.4 A, 50/60 Hz
Output:
Model
1
Watts
2
Output #1
Output #2
Output #3
GLC50A
50
+5.05VDC 4A
+12VDC 2.5A
-12VDC 0.2A
GLC50B
50
+5.05VDC 4A
+15VDC 2.5A
-15VDC 0.2A
GLC50D
50
+5.05VDC 4A
+24VDC 1.5A
-12VDC 0.2A
GLC50G
50
+3.3VDC 4A
+12VDC 2.5A
-12VDC 0.2A
Notes:
1. Model may be followed by -C for Chassis & Cover option.
2. -C option requires 24 cfm minimum airflow for full rated output power.
3. Maximum operating ambient is 50°C.
4. Maximum Relative Humidity 96%, no condensation.
SAFETY DECLARATION: SL Power Electronics Corp. (SLPE). declares under our sole responsibility
that all models listed above are in conformity with the applicable requirements of EN60950 following the
provisions of the Low Voltage Directive 2006/95/EC. All models are Certified to be in compliance with the
applicable requirements of EN/IEC/UL 60950-1 1
st Ed., CSA 22.2 No. 60950-1-03 1st Ed. for Pollution Degree 2
environment and Class I TN-S power systems. The outputs of the supplies meet the requirements for SELV and are not an
energy hazard.
The ground terminal must be bonded to Earth in the end application. Using this terminal for the primary system earthing
terminal is not recommended.
CHASSIS AND COVER INSTALLATION: The insulator provided with the chassis and cover must be installed on the J1
side of the enclosure. Creepage and clearance distances from primary circuits to ground and secondary circuits, as defined in
the applicable safety standards, must be maintained after installation to preserve the intended safety.
The maximum operating temperatures of certain safety components, as defined in the applicable safety standards, must not be
exceeded after installation to preserve the intended safety. The output power, ambient air temperature and the availability,
amount, direction and/or restriction of airflow influence the temperatures of these components.
WARNING!
RISK OF FIRE!
A blown fuse is an indication of catastrophic failure of circuit component(s). Repair must be performed by SLPE authorized
personnel. Fuse F1 must be replaced with T 2A 250V (slow blow), UL Listed and CSA Certified type.
C O N N E C T I O N S
J1 Pin
AC Input
J2 Pin
DC Output
1
Line
1
Output #2 (+)
3
Neutral
2
Output #1 (+)
3
Output #1 (+)
4
Common
5
Common
6
Output #3 (-)
SLPE will not be liable for the safety, reliability or performance of these power supplies if a) any changes, modifications or repairs are carried out by other than authorized agents of
SLPE, or b) the installation of the supply is not in accordance with these installation instructions and the applicable UL, CSA, IEC and/or EN safety standards.
41-34472-0001 Rev. E 03/26/08
INSTALLATION INSTRUCTIONS
GLC50 MULTI OUTPUT SERIES
MATING CONNECTORS
J1
Amp Housing 640250-3 Contact 770522
J2
Amp Housing 640250-6 Contact 770522


同様の部品番号 - GLC50A

メーカー部品番号データシート部品情報
logo
SL Power Electronics
GLC50A SLPOWER-GLC50A Datasheet
256Kb / 2P
50 WATT GLOBAL PERFORMANCE SWITCHERS
logo
List of Unclassifed Man...
GLC50A ETC2-GLC50A Datasheet
267Kb / 2P
GLC50 Commercial/GLM50 Medical
logo
SL Power Electronics
GLC50A SLPOWER-GLC50A Datasheet
256Kb / 2P
50 WATT GLOBAL PERFORMANCE SWITCHERS
logo
List of Unclassifed Man...
GLC50AG ETC2-GLC50AG Datasheet
267Kb / 2P
GLC50 Commercial/GLM50 Medical
More results

同様の説明 - GLC50A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
2502-2 ETC1-2502-2 Datasheet
101Kb / 2P
MOUNTING BRACKET KIT INSTALLATION INSTRUCTIONS
logo
Honeywell Solid State E...
4AV15F HONEYWELL-4AV15F Datasheet
78Kb / 4P
Installation Instructions
logo
3M Electronics
3316 3M-3316 Datasheet
1Mb / 4P
Instructions for the installation of 3316 Universal Press
logo
Honeywell Accelerometer...
LZA1 HONEYWELL-ACC-LZA1 Datasheet
277Kb / 2P
Installation and adjusting instructions LZ metal-enclosed switches
logo
List of Unclassifed Man...
LZL1 ETC1-LZL1 Datasheet
277Kb / 2P
Installation and adjusting instructions LZ metal-enclosed switches
logo
Honeywell Accelerometer...
GLLA01C HONEYWELL-ACC-GLLA01C Datasheet
506Kb / 5P
Installation Instructions for the GLL Series Limit Switch
logo
Amphenol Corporation
T8041 AMPHENOL-T8041 Datasheet
190Kb / 4P
Simple installation (mounting hardware and instructions included
logo
Emerson Network Power
GLQ110 EMERSON-NETWORKPOWER-GLQ110 Datasheet
12Mb / 109P
GLQ110 Series Installation & Operating Instructions
Rev 2 12/29/09
logo
Littelfuse
SE-IP65CVR-G-SE-330 LITTELFUSE-SE-IP65CVR-G-SE-330 Datasheet
82Kb / 2P
WEATHERPROOF COVER INSTALLATION INSTRUCTIONS
march 2011
SE-IP65CVR-M LITTELFUSE-SE-IP65CVR-M Datasheet
178Kb / 2P
WEATHERPROOF COVER INSTALLATION INSTRUCTIONS
OCTOBER 2011
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com