データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0638117575 データシート(PDF) 5 Page - Molex Electronics Ltd.

部品番号 0638117575
部品情報  Hand Crimp Tool Specification Sheet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0638117575 データシート(HTML) 5 Page - Molex Electronics Ltd.

  0638117575 Datasheet HTML 1Page - Molex Electronics Ltd. 0638117575 Datasheet HTML 2Page - Molex Electronics Ltd. 0638117575 Datasheet HTML 3Page - Molex Electronics Ltd. 0638117575 Datasheet HTML 4Page - Molex Electronics Ltd. 0638117575 Datasheet HTML 5Page - Molex Electronics Ltd. 0638117575 Datasheet HTML 6Page - Molex Electronics Ltd. 0638117575 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Hand Crimp Tool for “KK
®” .156 Center Terminals
Doc No. ATS-638117500
Release Date: 12-06-06
UNCONTROLLED COPY
Page 5 of 7
Revision: C
Revision Date: 03-29-08
1. Open the crimp hand tool.
2. Swing the existing locator open and away from the hand tool.
3. Firmly press down on the brass pivot shaft with your thumb, while
pulling the locator up. Slip the locator off the top of the brass pivot
shaft. See Figure 4.
4. Replace it with the desired locator by putting over the brass pivot
shaft and snapping it into place.
Maintenance
It is recommended that each operator of the tool be made aware of, and responsible for, the following maintenance
steps:
1. Remove dust, moisture, and other contaminants with a clean brush, or soft, lint free cloth.
2. Do not use any abrasive materials that could damage the tool.
3. Make certain all pins; pivot points and bearing surfaces are protected with a thin coat of high quality machine
oil. Do not oil excessively. The tool was engineered for durability but like any fine piece of equipment it
needs cleaning and lubrication for a maximum service life of trouble free crimping. Light oil such as 30
weight automotive oil used at the oil points, every 5,000 crimps or 3 months, , shown in Figure 6 will
significantly enhance the tool life.
4. Wipe excess oil from hand tool, particularly from crimping area. Oil transferred from the crimping area onto
certain terminations may affect the electrical characteristics of an application.
5. When tool is not in use, keep the handles closed to prevent objects from becoming lodged in the crimping
dies, and store the tool in a clean, dry area.
Miscrimps or Jams
Should this tool ever become stuck or jammed in a
partially closed position, Do Not force the handles
open or closed. The tool will open easily by pressing
the ratchet release lever. See Figure 6.
How to Adjust Tool Preload (See Figure 6)
This hand tool is factory preset to 25-45 LBS. preload.
It may be necessary over the life of the tool to adjust
tool handle preload force. Listed below are the steps
required to adjust the crimping force of the hand tool to
obtain proper crimp conditions:
1. Remove or fold back the handle grip from the handle to expose the eccentric axle and setting wheel.
2. Remove the locking screw with a 2mm hex wrench. The wrench set (63810-0101), is not supplied. It is sold
separately from the hand tool.
3. Turn the eccentric axle and setting wheel with the wrench or pliers Counter-clockwise (CCW) to increase
handle force.
4. Replace the locking screw, aligning the nearest notch in the setting wheel to locking screw.
5. Replace the handle grip.
6. Check the crimp specifications or conduct a pull test after tool handle preload force is adjusted.
LUBRICATION POINTS
(BOTH SIDES) LIGHT OIL
(EVERY 3 MONTHS OR
5,000 CRIMPS)
Figure 5
RATCHET
RELEASE LEVER
Figure 6
HANDLE
GRIP
REMOVED
ECCENTRIC AXLE
HANDLE
GRIP
LOCKING
SCREW
WRENCH SET
(SOLD
SEPERATELY)
PRELOAD
CHECK POINT
25.4MM
SETTING WHEEL


同様の部品番号 - 0638117575

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0638117576 MOLEX11-0638117576 Datasheet
341Kb / 7P
   Hand Crimp Tool Specification Sheet
More results

同様の説明 - 0638117575

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0638235675 MOLEX11-0638235675 Datasheet
650Kb / 7P
   HAND CRIMP TOOL Specification Sheet
63811-2400 MOLEX8-63811-2400 Datasheet
181Kb / 5P
   Hand Crimp Tool Specification Sheet
0638234875 MOLEX11-0638234875 Datasheet
592Kb / 8P
   HAND CRIMP TOOL Specification Sheet
0638113875 MOLEX11-0638113875 Datasheet
122Kb / 4P
   Hand Crimp Tool Specification Sheet
02-08-1235 MOLEX2-02-08-1235 Datasheet
322Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
63811-2600 MOLEX8-63811-2600 Datasheet
199Kb / 5P
   Hand Crimp Tool Specification Sheet
0638116300 MOLEX11-0638116300 Datasheet
207Kb / 5P
   Hand Crimp Tool Specification Sheet
0638115800 MOLEX11-0638115800 Datasheet
256Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
0638117576 MOLEX11-0638117576 Datasheet
341Kb / 7P
   Hand Crimp Tool Specification Sheet
0638119300 MOLEX11-0638119300 Datasheet
259Kb / 6P
   HAND CRIMP TOOL Specification Sheet
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com