データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0638117575 データシート(PDF) 7 Page - Molex Electronics Ltd.

部品番号 0638117575
部品情報  Hand Crimp Tool Specification Sheet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0638117575 データシート(HTML) 7 Page - Molex Electronics Ltd.

  0638117575 Datasheet HTML 1Page - Molex Electronics Ltd. 0638117575 Datasheet HTML 2Page - Molex Electronics Ltd. 0638117575 Datasheet HTML 3Page - Molex Electronics Ltd. 0638117575 Datasheet HTML 4Page - Molex Electronics Ltd. 0638117575 Datasheet HTML 5Page - Molex Electronics Ltd. 0638117575 Datasheet HTML 6Page - Molex Electronics Ltd. 0638117575 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Hand Crimp Tool for “KK
®” .156 Center Terminals
Doc No. ATS-638117500
Release Date: 12-06-06
UNCONTROLLED COPY
Page 7 of 7
Revision: C
Revision Date: 03-29-08
PARTS LIST
Item Number
Order Number
Description
Quantity
REF
63811-7500
Hand Crimp Tool
Figure 7
1
63810-0101
Wrench Set (Not included)
0
2
63810-0102
Locator Base Assembly
1
3
63810-0103
Repair Kit (Not included)
0
63811-7576
Locator-Black
1
4
63811-7575
Locator-Gray
1
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax: 630-969-1352
Visit our Web site at http://www.molex.com
RATCHET
RELEASE LEVER
2
Figure 7
M4 X 5LG
BHCS
3
4
1
3


同様の部品番号 - 0638117575

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0638117576 MOLEX11-0638117576 Datasheet
341Kb / 7P
   Hand Crimp Tool Specification Sheet
More results

同様の説明 - 0638117575

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0638235675 MOLEX11-0638235675 Datasheet
650Kb / 7P
   HAND CRIMP TOOL Specification Sheet
63811-2400 MOLEX8-63811-2400 Datasheet
181Kb / 5P
   Hand Crimp Tool Specification Sheet
0638234875 MOLEX11-0638234875 Datasheet
592Kb / 8P
   HAND CRIMP TOOL Specification Sheet
0638113875 MOLEX11-0638113875 Datasheet
122Kb / 4P
   Hand Crimp Tool Specification Sheet
02-08-1235 MOLEX2-02-08-1235 Datasheet
322Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
63811-2600 MOLEX8-63811-2600 Datasheet
199Kb / 5P
   Hand Crimp Tool Specification Sheet
0638116300 MOLEX11-0638116300 Datasheet
207Kb / 5P
   Hand Crimp Tool Specification Sheet
0638115800 MOLEX11-0638115800 Datasheet
256Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
0638117576 MOLEX11-0638117576 Datasheet
341Kb / 7P
   Hand Crimp Tool Specification Sheet
0638119300 MOLEX11-0638119300 Datasheet
259Kb / 6P
   HAND CRIMP TOOL Specification Sheet
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com