データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2-1194946-2 データシート(PDF) 1 Page - Tyco Electronics

部品番号 2-1194946-2
部品情報  SOLDERSLEEVE WIRE TERMINATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1194946-2 データシート(HTML) 1 Page - Tyco Electronics

  2-1194946-2 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION CONTROL DRAWING
Tyco Electronics Corporation
300 Constitutional Drive
Menlo Park, CA 94025 USA
TITLE:
SOLDERSLEEVE WIRE
TERMINATOR
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
D-141-31
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
Tyco reserves the right to amend this
drawing at any time. Users should evaluate
the suitability of the product for their
application.
DATE:
17-July-00
DOC ISSUE:
1
DRAWN BY:
M. FORONDA
CAGE CODE:
06090
REPLACES:
N/A
DCR NUMBER:
D000398
PROD. REV.:
E
SCALE:
None
SIZE:
A
SHEET:
1 of 1
If this document is printed it becomes uncontrolled. Check for the latest revision.
MATERIALS
1. INSULATION SLEEVE: Heat shrinkable, transparent blue, radiation cross-linked polyvinylidene
fluoride.
2. SOLDER PREFORM WITH FLUX:
SOLDER: TYPE Sn63 per ANSI J-STD-006.
FLUX:
TYPE ROL1 per ANSI J-STD-004.
APPLICATION
1. This part is designed to attach a tin or silver plated wire to terminals with 2.54 (0.100) or greater
center spacing.
Wire Accommodation:
Jacket O.D.: 0.76 to 2.03 (0.030 to 0.080)
Gauge: AWG 26 to 20
Connector Terminal:
Max. Diagonal: 0.76 (0.030)
Height: 5.08 to 7.62 (0.200 to 0.300)
2. Sleeve will recover to 0.76 (0.030) max. I.D.
3. This drawing forms part of Raychem Specification control Drawing:
D-711-04, 2.54 (0.100) centers
D-711-07, 3.18 (0.125) centers
D-711-08, 3.96 (0.156) centers


同様の部品番号 - 2-1194946-2

メーカー部品番号データシート部品情報
logo
Tyco Electronics
2-1194945-0 MACOM-2-1194945-0 Datasheet
126Kb / 1P
   SOLDERSLEEVE, PCB CONNECTOR, 2.16x0.51x6.35 (0.085x0.020x0.250) TERMINAL
More results

同様の説明 - 2-1194946-2

メーカー部品番号データシート部品情報
logo
Tyco Electronics
CWT-9001 MACOM-CWT-9001 Datasheet
95Kb / 1P
   SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LOW TEMPERATURE
logo
PANDUIT CORP.
D-108-00 PANDUIT-D-108-00 Datasheet
30Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-103-00 PANDUIT-D-103-00 Datasheet
114Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-142-65 PANDUIT-D-142-65 Datasheet
40Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR
D-101-31 PANDUIT-D-101-31 Datasheet
35Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-104-00 PANDUIT-D-104-00 Datasheet
38Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
logo
TE Connectivity Ltd
CWT-900X TEC-CWT-900X Datasheet
47Kb / 1P
   SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LOW TEMPERATURE
SO63-X-00 TEC-SO63-X-00 Datasheet
69Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR, IMMERSION RESISTANT
B-155-90XX TEC-B-155-90XX Datasheet
45Kb / 1P
   SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LEAD-FREE LOW TEMPERATURE
CWT-XX-W122-5 TEC-CWT-XX-W122-5 Datasheet
30Kb / 1P
   SOLDERSLEEVE TERMINATOR WITH PRE-INSTALLED LEAD
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com