データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C2514A データシート(PDF) 1 Page - General Cable Technologies Corporation

部品番号 C2514A
部品情報  COMMUNICATION CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENERAL [General Cable Technologies Corporation]
ホームページ  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C2514A データシート(HTML) 1 Page - General Cable Technologies Corporation

  C2514A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C2514A
Date:
7/26/2007
Revision Level:
8
2C 22 7/30 TC PE OAS PVC
COMMUNICATION CABLE
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
2C 22 7/30 TC PE OAS PVC
0.016" Wall Polyethylene
0.020" Wall Polyvinyl Chloride
0.030" nom.
CAROL (R) 22 AWG -- C2514 A -- 75C E111240-8 CM (UL) C (UL) CMH OR AWM STYLE
2092 -- MADE IN USA (DATE CODE)
2 conductors @ 1.50" LHL with alum./polyester
0.127" nom.
0.061" nom.
0.167" +/- 0.008"
(foil out) & #22 7/30 TC drain wire
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
GROUND CAPACITANCE:
75 C
300Vrms
16.6 Ohms/1000 ft nom
20 pF/ft @ 1kHz nom
36 pF/ft @ 1kHz nom
National Electrical Code
Article 800
UL Standard 444
Type CM
UL Standard 758
AWM Style 2092
Canadian Standards Association
Type CMH
1
2
Black
Natural
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


同様の部品番号 - C2514A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
C251 ETC-C251 Datasheet
778Kb / 4P
GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIERS
logo
General Cable Technolog...
C2513A GENERAL-C2513A Datasheet
73Kb / 1P
COMMUNICATION CABLE
C2515A GENERAL-C2515A Datasheet
73Kb / 1P
COMMUNICATION CABLE
logo
Tyco Electronics
C2516 MACOM-C2516 Datasheet
41Kb / 1P
Centillium ADSL IC, Central Office applications Meets requrements of IEC60950 for supplementary insulation, 250V working voltage
logo
General Cable Technolog...
C2516A GENERAL-C2516A Datasheet
73Kb / 1P
COMMUNICATION CABLE
More results

同様の説明 - C2514A

メーカー部品番号データシート部品情報
logo
General Cable Technolog...
C1642A GENERAL-C1642A Datasheet
73Kb / 1P
COMMUNICATION CABLE
C2425A GENERAL-C2425A Datasheet
73Kb / 1P
COMMUNICATION CABLE
C2426A GENERAL-C2426A Datasheet
73Kb / 1P
COMMUNICATION CABLE
C2427A GENERAL-C2427A Datasheet
74Kb / 1P
COMMUNICATION CABLE
C2431A GENERAL-C2431A Datasheet
73Kb / 1P
COMMUNICATION CABLE
C2434A GENERAL-C2434A Datasheet
73Kb / 1P
COMMUNICATION CABLE
C2463A GENERAL-C2463A Datasheet
73Kb / 1P
COMMUNICATION CABLE
C2465A GENERAL-C2465A Datasheet
74Kb / 1P
COMMUNICATION CABLE
C2467A GENERAL-C2467A Datasheet
74Kb / 1P
COMMUNICATION CABLE
C2488A GENERAL-C2488A Datasheet
73Kb / 1P
COMMUNICATION CABLE
C2515A GENERAL-C2515A Datasheet
73Kb / 1P
COMMUNICATION CABLE
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com