データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C2516A データシート(PDF) 1 Page - General Cable Technologies Corporation

部品番号 C2516A
部品情報  COMMUNICATION CABLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENERAL [General Cable Technologies Corporation]
ホームページ  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C2516A データシート(HTML) 1 Page - General Cable Technologies Corporation

  C2516A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/20/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
03-09-1032
Status:
Active
Overview:
Standard .093"
Description:
2.36mm Diameter Standard .093" Pin and Socket Receptacle Housing, 3 Circuits,
Single Row
Documents:
3D Model
Product Specification PS-43660-9999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-02-09 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
1396
Application
Power, Wire-to-Wire
Comments
17.0A max. can be achieved when housing is used with
42477 or 42478 terminals
Overview
Standard .093"
Product Name
Standard .093"
Physical
Circuits (maximum)
3
Color - Resin
Natural
Flammability
94V-2
Gender
Dual
Glow-Wire Compliant
No
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
5.03mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
14A
Material Info
Old Part Number
1396-R1
UPC
800753618947
Reference - Drawing Numbers
Product Specification
PS-02-09, PS-43660-9999
Sales Drawing
SD-1396-*, SD-1396-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1396Series
Mates With
3099 shrouded PCB connector, 1396p
Use With
1189 Crimp Terminals, 1190 Crimp
Terminals, 1376 Male PC Tail Terminals,
1377 Female PC Tail Terminals, 1380
Male Crimp Terminals, 1381 Female Crimp
Terminals, 1433 Crimp Terminals, 1434
Male Crimp Terminals, 1973
This document was generated on 06/20/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - C2516A

メーカー部品番号データシート部品情報
logo
Tyco Electronics
C2516 MACOM-C2516 Datasheet
41Kb / 1P
   Centillium ADSL IC, Central Office applications Meets requrements of IEC60950 for supplementary insulation, 250V working voltage
More results

同様の説明 - C2516A

メーカー部品番号データシート部品情報
logo
General Cable Technolog...
C1642A GENERAL-C1642A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2425A GENERAL-C2425A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2426A GENERAL-C2426A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2427A GENERAL-C2427A Datasheet
74Kb / 1P
   COMMUNICATION CABLE
C2431A GENERAL-C2431A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2434A GENERAL-C2434A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2463A GENERAL-C2463A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2465A GENERAL-C2465A Datasheet
74Kb / 1P
   COMMUNICATION CABLE
C2467A GENERAL-C2467A Datasheet
74Kb / 1P
   COMMUNICATION CABLE
C2488A GENERAL-C2488A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2515A GENERAL-C2515A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com