データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N4410 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 2N4410
部品情報  NPN General Purpose Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N4410 データシート(HTML) 2 Page - Fairchild Semiconductor

  2N4410 Datasheet HTML 1Page - Fairchild Semiconductor 2N4410 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage*
IC = 1.0 mA, IB = 0
80
V
V(BR)CEX
Collector-Emitter Breakdown Voltage
IC = 500
µA, V
BB = 5.0 V
RBE = 8.2 k
120
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, I
E = 0
120
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, IC = 0
5.0
V
ICBO
Collector Cutoff Current
VCB = 100 V, IE = 0
VCB = 100 V, IE = 0, TA = 100
°C
10
1.0
nA
µA
IEBO
Emitter Cutoff Current
VEB = 4.0 V, IC = 0
100
nA
ON CHARACTERISTICS*
hFE
DC Current Gain
VCE = 1.0 V, IC = 1.0 mA
VCE = 1.0 V, IC = 10 mA
60
60
400
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 1.0 mA, IB = 0.1 mA
0.2
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 1.0 mA, IB = 0.1 mA
0.8
V
VBE(on)
Base-Emitter On Voltage
VCE = 5.0 V, IC = 1.0 mA
0.8
V
SMALL SIGNAL CHARACTERISTICS
Cob
Output Capacitance
VCB = 10 V, f = 100 kHz
12
pF
Cib
Input Capacitance
VEB = 0.5 V, f = 100 kHz
50
pF
hfe
Small-Signal Current Gain
IC = 10 mA, VCE = 10 V,
f = 30 MHz
2.0
10
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%


同様の部品番号 - 2N4410

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N4410 ONSEMI-2N4410 Datasheet
183Kb / 6P
Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 11
2N4410 ONSEMI-2N4410 Datasheet
73Kb / 8P
Amplifier Transistor
November, 2001 ??Rev. 11
logo
Central Semiconductor C...
2N4410 CENTRAL-2N4410 Datasheet
59Kb / 1P
Small Signal Transistors TO-92 Case (Continued)
logo
Fairchild Semiconductor
2N4410 FAIRCHILD-2N4410 Datasheet
316Kb / 9P
Small Signal General Purpose Amplifiers & Switchs
2N4410 FAIRCHILD-2N4410 Datasheet
296Kb / 7P
NPN General Purpose Amplifier
More results

同様の説明 - 2N4410

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
NPN General Purpose Amplifier
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
NPN General Purpose Amplifier
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com