| データシートサーチシステム |
|
STM32F405RG データシート(PDF) 158 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F405RG データシート(HTML) 158 Page - STMicroelectronics |
|
158 / 167 page ![]() Application block diagrams STM32F405xx, STM32F407xx 158/167 Doc ID 022152 Rev 2 A.4 USB OTG high speed (HS) interface solutions Figure 85. USB controller configured as peripheral, host, or dual-mode and used in high speed mode 1. It is possible to use MCO1 or MCO2 to save a crystal. It is however not mandatory to clock the STM32F40x with a 24 or 26 MHz crystal when using USB HS. The above figure only shows an example of a possible connection. 2. The ID pin is required in dual role only. |