データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N7002K-T1-E3 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 2N7002K-T1-E3
部品情報  N-Channel 60-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N7002K-T1-E3 データシート(HTML) 2 Page - Vishay Siliconix

  2N7002K-T1-E3 Datasheet HTML 1Page - Vishay Siliconix 2N7002K-T1-E3 Datasheet HTML 2Page - Vishay Siliconix 2N7002K-T1-E3 Datasheet HTML 3Page - Vishay Siliconix 2N7002K-T1-E3 Datasheet HTML 4Page - Vishay Siliconix 2N7002K-T1-E3 Datasheet HTML 5Page - Vishay Siliconix 2N7002K-T1-E3 Datasheet HTML 6Page - Vishay Siliconix 2N7002K-T1-E3 Datasheet HTML 7Page - Vishay Siliconix 2N7002K-T1-E3 Datasheet HTML 8Page - Vishay Siliconix 2N7002K-T1-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 71333
S09-0857-Rev. E, 18-May-09
Vishay Siliconix
2N7002K
Notes:
a. For DESIGN AID ONLY, not subject to production testing.
b. Pulse test: PW
≤ 300 µs duty cycle ≤ 2 %.
c. Switching time is essentially independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.a
Max.
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 10 µA
60
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
12.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 10
µA
VDS = 0 V, VGS = ± 15 V
1
VDS = 0 V, VGS = ± 10 V
± 150
nA
VDS = 0 V, VGS = ± 10 V, TJ = 85 °C
± 1000
VDS = 0 V, VGS = ± 5 V
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
VDS = 60 V, VGS = 0 V , TJ = 125 °C
500
On-State Drain Currenta
ID(on)
VGS = 10 V, VDS = 7.5 V
800
mA
VGS = 4.5 V, VDS = 10 V
500
Drain-Source On-Resistancea
RDS(on)
VGS = 10 V, ID = 500 mA
2
Ω
VGS = 4.5 V, ID = 200 mA
4
Forward Transconductancea
gfs
VDS = 10 V, ID = 200 mA
100
mS
Diode Forward Voltage
VSD
IS = 200 mA, VGS = 0 V
1.3
V
Dynamica
Total Gate Charge
Qg
VDS = 10 V, VGS = 4.5 V
ID ≅ 250 mA
0.4
0.6
nC
Input Capacitance
Ciss
VDS = 25 V, VGS = 0 V
f = 1 MHz
30
pF
Output Capacitance
Coss
6
Reverse Transfer Capacitance
Crss
2.5
Switchinga, b, c
Turn-On Time
td(on)
VDD = 30 V, RL = 150 Ω
ID ≅ 200 mA, VGEN = 10 V, RG = 10 Ω
25
ns
Turn-Off Time
td(off)
35


同様の部品番号 - 2N7002K-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
2N7002K-T1-E3 VISHAY-2N7002K-T1-E3 Datasheet
219Kb / 9P
N-Channel 60-V (D-S) MOSFET
Rev. E, 18-May-09
logo
Analog Devices
2N7002K-T1-E3 AD-2N7002K-T1-E3 Datasheet
1Mb / 12P
Evaluating the LTC2688 16-Channel, 16-Bit Voltage Output SoftSpan DAC
More results

同様の説明 - 2N7002K-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com