データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCW33 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 BCW33
部品情報  NPN General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCW33 データシート(HTML) 1 Page - Fairchild Semiconductor

  BCW33 Datasheet HTML 1Page - Fairchild Semiconductor BCW33 Datasheet HTML 2Page - Fairchild Semiconductor BCW33 Datasheet HTML 3Page - Fairchild Semiconductor BCW33 Datasheet HTML 4Page - Fairchild Semiconductor BCW33 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, August 2002
Absolute Maximum Ratings * T
a=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Electrical Characteristics T
a=25°C unless otherwise noted
Thermal Characteristics T
A=25°C unless otherwise noted
Device mounted on FR-4PCB 40mm
× 40mm × 1.5mm
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
32
V
VCBO
Collector-Base Voltage
32
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector current (DC)
500
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 ~ +150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Off Characteristics
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 2.0mA, IB = 0
32
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC = 10µA, IB = 0
32
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IC = 10µA, IC = 0
5.0
V
ICBO
Collector Cutoff Current
VCB = 32V, IE = 0
VCB = 32V, IE = 0, TA = 100°C
100
10
nA
µA
On Characteristics
hFE
DC Current Gain
IC = 2.0mA, VCE = 5.0V
420
800
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10mA, IB = 0.5mA
0.25
V
VBE(on)
Base-Emitter On Voltage
IC = 2.0mA, VCE = 5.0V
0.55
0.7
V
Small Signal Characteristics
fT
Current Gain Bandwidth Product
IC = 2.0mA, VCE = 5.0V
f = 35MHz
200
Cobo
Output Capacitance
VCB = 10V, IE = 0, f = 1.0MHz
4.0
pF
NF
Noise Figure
IC = 0.2mA, VCE = 5.0V
RS = 2.0kΩ, f = 1.0kHz
BW = 200Hz
10
dB
Symbol
Parameter
Max.
Units
PD
Total Device Dissipation
Derate above 25
°C
350
2.8
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
357
°C/W
BCW33
NPN General Purpose Amplifier
• This device is designed for general purpose applications at collector
currents to 300mA.
• Sourced from process 07.
1. Base 2. Emitter 3. Collector
1
2
3
SOT-23
Mark: D3


同様の部品番号 - BCW33

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCW33 PHILIPS-BCW33 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 13
logo
Samsung semiconductor
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Diotec Semiconductor
BCW33 DIOTEC-BCW33 Datasheet
180Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCW33 DIOTEC-BCW33 Datasheet
101Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
logo
Guangdong Kexin Industr...
BCW33 KEXIN-BCW33 Datasheet
39Kb / 2P
   NPN General Purpose Transistors
More results

同様の説明 - BCW33

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com