データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCW33 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 BCW33
部品情報  NPN General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCW33 データシート(HTML) 2 Page - Fairchild Semiconductor

  BCW33 Datasheet HTML 1Page - Fairchild Semiconductor BCW33 Datasheet HTML 2Page - Fairchild Semiconductor BCW33 Datasheet HTML 3Page - Fairchild Semiconductor BCW33 Datasheet HTML 4Page - Fairchild Semiconductor BCW33 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, August 2002
Typical Characteristics
Figure 1. Typical Pulsed Current Gain vs
Collector Current
Figure 2. Collector-Emitter Saturation Voltage
vs Collector Current
Figure 3. Base-Emitter Saturation Voltage
vs Collector Current
Figure 4. Base-Emitter On Voltage
vs Collector Current
Figure 5. Collector-Cutoff Current
vs Ambient Temperature
Figure 6. Input and Outtput Capacitance
vs Reverse Voltage
10
20
30
50
100
200 300
500
0
100
200
300
400
I - COLLECTOR CURRENT (mA)
C
125 캜
25 캜
- 40 캜
Vce = 5V
°C
°C
°C
1
10
100
400
0.1
0.2
0.3
0.4
I - COLLECTOR CURRENT (mA)
C
25 캜
- 40 캜
125 캜
ββββ = 10
°°°°C
°°°°C
°°°°C
0.1
1
10
100
300
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRENT (mA)
ββββ = 10
C
25 캜
- 40 캜
125 캜
°°°°C
°°°°C
°°°°C
1
10
100
500
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRENT (mA)
C
V
= 5V
CE
25 캜
- 40 캜
125 캜
°°°°C
°°°°C
°°°°C
25
50
75
100
125
150
0.1
1
10
T - AMBIENT TEMPERATURE ( C)
A
V
= 60V
°
CB
0.1
1
10
100
0.1
1
10
100
V
- COLLECTOR VOLTAGE (V)
Cib
Cob
f = 1.0 MHz
ce


同様の部品番号 - BCW33

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCW33 PHILIPS-BCW33 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 13
logo
Samsung semiconductor
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Diotec Semiconductor
BCW33 DIOTEC-BCW33 Datasheet
180Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCW33 DIOTEC-BCW33 Datasheet
101Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
logo
Guangdong Kexin Industr...
BCW33 KEXIN-BCW33 Datasheet
39Kb / 2P
   NPN General Purpose Transistors
More results

同様の説明 - BCW33

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com