データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BSR14 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 BSR14
部品情報  NPN General Purpose Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BSR14 データシート(HTML) 1 Page - Fairchild Semiconductor

  BSR14 Datasheet HTML 1Page - Fairchild Semiconductor BSR14 Datasheet HTML 2Page - Fairchild Semiconductor BSR14 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
1997 Fairchild Semiconductor Corporation
BSR14
NPN General Purpose Amplifier
This device is for use as a medium power amplifier and switch
requiring collector currents up to 500 mA. Sourced from Process
19. See BCW65C for characteristics.
C
B
E
SOT-23
Mark: U8
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Characteristic
Max
Units
*BSR14
PD
Total Device Dissipation
Derate above 25
°C
350
2.8
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
357
°C/W
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
75
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current - Continuous
800
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
*Device mounted on FR-4 PCB 40 mm X 40 mm X 1.5 mm.


同様の部品番号 - BSR14

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BSR14 PHILIPS-BSR14 Datasheet
45Kb / 8P
NPN switching transistors
1999 Apr 15
logo
Diotec Semiconductor
BSR14 DIOTEC-BSR14 Datasheet
183Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BSR14 KEXIN-BSR14 Datasheet
41Kb / 2P
NPN Switching Transistors
logo
NXP Semiconductors
BSR14 NXP-BSR14 Datasheet
145Kb / 8P
NPN switching transistors
2004 Jan 13
logo
Continental Device Indi...
BSR14 CDIL-BSR14 Datasheet
147Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results

同様の説明 - BSR14

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
NPN General Purpose Amplifier
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
NPN General Purpose Amplifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com