データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BSR14 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 BSR14
部品情報  NPN General Purpose Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BSR14 データシート(HTML) 2 Page - Fairchild Semiconductor

  BSR14 Datasheet HTML 1Page - Fairchild Semiconductor BSR14 Datasheet HTML 2Page - Fairchild Semiconductor BSR14 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown
Voltage
IC = 10
µA, IB = 0
75
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, IE = 0
40
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, IC = 0
6.0
V
ICBO
Collector-Cutoff Current
VCB = 60 V
VCB = 60 V, TA = 150
°C
10
10
nA
µA
ICEX
Collector-Cutoff Current
VCE = 60 V, VEB = 3.0 V
10
nA
IBEX
Reverse Base Current
VCE = 60 V, VEB = 3.0 V
20
nA
IEBO
Emitter-Cutoff Current
VEB = 3.0 V, IC = 0
15
nA
ON CHARACTERISTICS
hFE
DC Current Gain
IC = 0.1 mA, VCE = 10 V
IC = 1.0 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V
IC = 150 mA, VCE = 10 V
IC = 150 mA, VCE = 1.0 V
IC = 500 mA, VCE = 10 V
35
50
75
100
50
40
300
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
0.3
1.0
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
0.6
1.2
2.0
V
V
SMALL SIGNAL CHARACTERISTICS
fT
Current Gain - Bandwidth Product
IC = 20 mA, VCE = 20,
f = 100 mHz
300
MHz
CCB
Collector-Base Capacitance
VCB= 10V, IE = 0, f = 1.0 MHz
8.0
pF
hie
Input Impedance
VCE=10V,IC=1.0 mA,f=1.0 kHz
2.0
8.0
k
hfe
Small-Signal Current Gain
VCE=10V,IC=1.0 mA,f=1.0 kHz
50
300
hoe
Output Admittance
VCE=10V,IC=1.0 mA,f=1.0 kHz
5
35
µS
SWITCHING CHARACTERISTICS
td
Delay Time
VCC = 30 V, VBE(OFF) = 0.5 V,
10
ns
tr
Rise Time
IC = 150 mA, IB1 = 15 mA
25
ns
ts
Storage Time
VCC = 30 V, IC = 150 mA,
225
ns
tf
Fall Time
IB1 = IB2 = 15 mA
60
ns
Spice Model
NPN (Is=14.34f Xti=3 Eg=1.11 Vaf=74.03 Bf=255.9 Ne=1.307 Ise=14.34f Ikf=.2847 Xtb=1.5 Br=6.092 Nc=2 Isc=0
Ikr=0 Rc=1 Cjc=7.306p Mjc=.3416 Vjc=.75 Fc=.5 Cje=22.01p Mje=.377 Vje=.75 Tr=46.91n Tf=411.1p Itf=.6
Vtf=1.7 Xtf=3 Rb=10)
NPN General Purpose Amplifier
(continued)


同様の部品番号 - BSR14

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BSR14 PHILIPS-BSR14 Datasheet
45Kb / 8P
   NPN switching transistors
1999 Apr 15
logo
Diotec Semiconductor
BSR14 DIOTEC-BSR14 Datasheet
183Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BSR14 KEXIN-BSR14 Datasheet
41Kb / 2P
   NPN Switching Transistors
logo
NXP Semiconductors
BSR14 NXP-BSR14 Datasheet
145Kb / 8P
   NPN switching transistors
2004 Jan 13
logo
Continental Device Indi...
BSR14 CDIL-BSR14 Datasheet
147Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results

同様の説明 - BSR14

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com