データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K2500S データシート(PDF) 5 Page - Littelfuse

部品番号 K2500S
部品情報  High-voltage lamp ignitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2500S データシート(HTML) 5 Page - Littelfuse

  K2500S Datasheet HTML 1Page - Littelfuse K2500S Datasheet HTML 2Page - Littelfuse K2500S Datasheet HTML 3Page - Littelfuse K2500S Datasheet HTML 4Page - Littelfuse K2500S Datasheet HTML 5Page - Littelfuse K2500S Datasheet HTML 6Page - Littelfuse K2500S Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
©2004 Littelfuse, Inc.
E9 - 5
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Data Sheets
Sidac
Figure E9.9 Comparison of Sidac versus SCR for Gas Ignitor Circuit
Figure E9.10 Circuit (Low Voltage Input) for Gas Ignition
Figure E9.11 Typical High Pressure Sodium Lamp Firing Circuit
Figure E9.12 Xenon Lamp Flashing Circuit
Figure E9.13 Dynamic Holding Current Test Circuit for Sidacs
Figure E9.14 Basic Sidac Circuit
100-250 V ac
60 Hz
100-250 V ac
60 Hz
SCR
Sidac
4.7
µF
100 V
10
µF
50 V
24 V ac
60 Hz
4.7
µF
100 V
½ W
K1200E
Sidac
200 V
H.V.
Ignitor
1.2
µF
4.7 k
-
+
-
+
+
-
Sidac
120 V ac
60 Hz
16 mH
3.3 k
0.47
µF
400 V
Ballast
Sidac
220 V ac
60 Hz
7.5 k
0.22
µF
Ballast
Lamp
120 V ac
220 V ac
Lamp
-
+
+
-
Xenon Lamp
K2200G
10
µF
2 W
120 V ac
60 Hz
10
µF
450 V
4 kV
0.01
µF
400 V
20 M
Sidac
200-
400 V
100
250 V
Trigger
Transformer
20:1
100-250 V ac
60 Hz
Scope
Push to test
S1
Switch to test
in each direction
100
1%
Device
Under
Test
S1
Scope Indication
Trace Stops
IH
IPK
Load
100-250 V ac
60 Hz
IH
VBO
120-145˚
Conduction
Angle
IH
IH
Load Current
VBO
VBO


同様の部品番号 - K2500S

メーカー部品番号データシート部品情報
logo
Teccor Electronics
K2500S TECCOR-K2500S Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
K2500S TECCOR-K2500S Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K2500S1URP LITTELFUSE-K2500S1URP Datasheet
671Kb / 8P
   Standard Unidirectional SIDACs
K2500S70AP LITTELFUSE-K2500S70AP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2500S70RP LITTELFUSE-K2500S70RP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results

同様の説明 - K2500S

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
K0900 LEIDITECH-K0900 Datasheet
644Kb / 6P
   High voltage lamp ignitors
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
   High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
   High Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
   High Voltage EL Lamp Driver
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
   HIGH-VOLTAGE EL LAMP DRIVER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com