データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

INTEDG データシート(PDF) 369 Page - Microchip Technology

部品番号 INTEDG
部品情報  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

INTEDG データシート(HTML) 369 Page - Microchip Technology

Back Button INTEDG Datasheet HTML 365Page - Microchip Technology INTEDG Datasheet HTML 366Page - Microchip Technology INTEDG Datasheet HTML 367Page - Microchip Technology INTEDG Datasheet HTML 368Page - Microchip Technology INTEDG Datasheet HTML 369Page - Microchip Technology INTEDG Datasheet HTML 370Page - Microchip Technology INTEDG Datasheet HTML 371Page - Microchip Technology INTEDG Datasheet HTML 372Page - Microchip Technology INTEDG Datasheet HTML 373Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 369
PIC16(L)F1946/47
LCDDATA22
SEG39
COM3
SEG38
COM3
SEG37
COM3
SEG36
COM3
SEG35
COM3
SEG34
COM3
SEG33
COM3
SEG32
COM3
341
LCDDATA23
—
—
SEG45
COM3
SEG44
COM3
SEG43
COM3
SEG42
COM3
SEG41
COM3
SEG40
COM3
341
LCDPS
WFT
BIASMD
LCDA
WA
LP<3:0>
338
LCDREF
LCDIRE
LCDIRS
LCDIRI
—
VLCD3PE
VLCD2PE
VLCD1PE
—
339
LCDRL
LRLAP<1:0>
LRLBP<1:0>
—LRLAT<2:0>
348
LCDSE0
SE<7:0>
341
LCDSE1
SE<15:8>
341
LCDSE2
SE<23:16>
341
LCDSE3
SE<31:24>
341
LCDSE4
SE<39:32>
341
LCDSE5
—
—
SE<45:40>
341
PIE2
OSFIE
C2IE
C1IE
EEIE
BCLIE
LCDIE
C3IE
CCP2IE
94
PIR2
OSFIF
C2IF
C1IF
EEIF
BCLIF
LCDIF
C3IF
CCP2IF
98
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
T1OSCEN
T1SYNC
—
TMR1ON
207
TABLE 27-9:
SUMMARY OF REGISTERS ASSOCIATED WITH LCD OPERATION (CONTINUED)
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by the LCD module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More