データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

INTEDG データシート(PDF) 128 Page - Microchip Technology

部品番号 INTEDG
部品情報  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

INTEDG データシート(HTML) 128 Page - Microchip Technology

Back Button INTEDG Datasheet HTML 124Page - Microchip Technology INTEDG Datasheet HTML 125Page - Microchip Technology INTEDG Datasheet HTML 126Page - Microchip Technology INTEDG Datasheet HTML 127Page - Microchip Technology INTEDG Datasheet HTML 128Page - Microchip Technology INTEDG Datasheet HTML 129Page - Microchip Technology INTEDG Datasheet HTML 130Page - Microchip Technology INTEDG Datasheet HTML 131Page - Microchip Technology INTEDG Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 128
 2010-2012 Microchip Technology Inc.
12.1
Alternate Pin Function
The Alternate Pin Function Control (APFCON) register
is used to steer specific peripheral input and output
functions between different pins. The APFCON register
is shown in Register 12-1. For this device family, the
following functions can be moved between different
pins.
• CCP3/P3C output
• CCP3/P3B output
• CCP2/P2D output
• CCP2/P2C output
• CCP2/P2B output
• CCP2/P2A output
• CCP1/P1C output
• CCP1/P1B output
These bits have no effect on the values of any TRIS
register. PORT and TRIS overrides will be routed to the
correct pin. The unselected pin will be unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More