| データシートサーチシステム |
|
LCMXO2-640ZE-1TG100C データシート(PDF) 106 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
LCMXO2-640ZE-1TG100C データシート(HTML) 106 Page - Lattice Semiconductor |
|
106 / 106 page ![]() 7-3 Revision History MachXO2 Family Data Sheet March 2012 (cont.) 01.8 (cont.) Pinout Information (cont.) Added 32 QFN package to Pin Information Summary table. Ordering Information Updated Part Number Description and Ordering Information tables for 32 QFN package. Updated topside mark diagram in the Ordering Information section. April 2012 01.9 Architecture Removed references to TN1200. Ordering Information Updated the Device Status portion of the MachXO2 Part Number Description to include the 50 parts per reel for the WLCSP package. Added new part number and footnote 2 for LCMXO2-1200ZE- 1UWG25ITR50. Updated footnote 1 for LCMXO2-1200ZE-1UWG25ITR. Supplemental Information Removed references to TN1200. January 2013 02.0 Introduction Updated the total number IOs to include JTAGENB. Architecture Supported Output Standards table – Added 3.3 VCCIO (Typ.) to LVDS row. Changed SRAM CRC Error Detection to Soft Error Detection. DC and Switching Characteristics Power Supply Ramp Rates table – Updated Units column for tRAMP symbol. Added new Maximum sysIO Buffer Performance table. sysCLOCK PLL Timing table – Updated Min. column values for fIN, fOUT, fOUT2 and fPFD parameters. Added tSPO parameter. Updated footnote 6. MachXO2 Oscillator Output Frequency table – Updated symbol name for tSTABLEOSC. DC Electrical Characteristics table – Updated conditions for IIL, IIH sym- bols. Corrected parameters tDQVBS and tDQVAS Corrected MachXO2 ZE parameters tDVADQ and tDVEDQ Pinout Information Included the MachXO2-4000HE 184 csBGA package. Ordering Information Updated part number. Date Version Section Change Summary |