| データシートサーチシステム |
|
STM32L152CB データシート(PDF) 116 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152CB データシート(HTML) 116 Page - STMicroelectronics |
|
116 / 121 page ![]() Ordering information scheme STM32L151x6/8/B, STM32L152x6/8/B 116/121 Doc ID 17659 Rev 8 8 Ordering information scheme For a list of available options (speed, package, etc.) or for further information on any aspect of this device, please contact your nearest ST sales office. Table 69. Ordering information scheme Example: STM32 L 151 C 8 T 6 D xxx Device family STM32 = ARM-based 32-bit microcontroller Product type L = Low power Device subfamily 151: Devices without LCD 152: Devices with LCD Pin count C = 48 pins R = 64 pins V = 100 pins Flash memory size 6 = 32 Kbytes of Flash memory 8 = 64 Kbytes of Flash memory B = 128 Kbytes of Flash memory Package H = BGA T = LQFP U = UFQFPN Temperature range 6 = Industrial temperature range, –40 to 85 °C Options No character = VDD range: 1.8 to 3.6 V and BOR enabled D = VDD range: 1.65 to 3.6 V and BOR disabled Packing TR = tape and reel No character = tray or tube |