| データシートサーチシステム |
|
M68ICS08GR データシート(PDF) 230 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68ICS08GR データシート(HTML) 230 Page - Freescale Semiconductor, Inc |
|
230 / 408 page ![]() RAM Technical Data MC68HC908GR8 — Rev 4.0 230 RAM MOTOROLA During a subroutine call, the CPU uses two bytes of the stack to store the return address. The stack pointer decrements during pushes and increments during pulls. NOTE: Be careful when using nested subroutines. The CPU may overwrite data in the RAM during a subroutine or during the interrupt stacking operation. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |