| データシートサーチシステム |
|
M68ICS08GR データシート(PDF) 263 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68ICS08GR データシート(HTML) 263 Page - Freescale Semiconductor, Inc |
|
263 / 408 page ![]() Serial Communications Interface (SCI) I/O Registers MC68HC908GR8 — Rev 4.0 Technical Data MOTOROLA Serial Communications Interface (SCI) 263 Figure 18-13. Flag Clearing Sequence PE — Receiver Parity Error Bit This clearable, read-only bit is set when the SCI detects a parity error in incoming data. PE generates a PE CPU interrupt request if the PEIE bit in SCC3 is also set. Clear the PE bit by reading SCS1 with PE set and then reading the SCDR. Reset clears the PE bit. 1 = Parity error detected 0 = No parity error detected BYTE 1 NORMAL FLAG CLEARING SEQUENCE READ SCS1 SCRF = 1 READ SCDR BYTE 1 BYTE 2 BYTE 3 BYTE 4 OR = 0 READ SCS1 SCRF = 1 OR = 0 READ SCDR BYTE 2 READ SCS1 SCRF = 1 OR = 0 READ SCDR BYTE 3 BYTE 1 READ SCS1 SCRF = 1 READ SCDR BYTE 1 BYTE 2 BYTE 3 BYTE 4 OR = 0 READ SCS1 SCRF = 1 OR = 1 READ SCDR BYTE 3 DELAYED FLAG CLEARING SEQUENCE Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |