| データシートサーチシステム |
|
M68ICS08GR データシート(PDF) 360 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68ICS08GR データシート(HTML) 360 Page - Freescale Semiconductor, Inc |
|
360 / 408 page ![]() Timer Interface Module (TIM) Technical Data MC68HC908GR8 — Rev 4.0 360 Timer Interface Module (TIM) MOTOROLA Address: T1CH0H, $0026 and T2CH0H, $0031 Bit 7 654321 Bit 0 Read: Bit 15 14 13 12 11 10 9 Bit 8 Write: Reset: Indeterminate after reset Figure 22-14. TIM Channel 0 Register High (TCH0H) Address: T1CH0L, $0027 and T2CH0L $0032 Bit 7 654321 Bit 0 Read: Bit 7 654321 Bit 0 Write: Reset: Indeterminate after reset Figure 22-15. TIM Channel 0 Register Low (TCH0L) Address: T1CH1H, $0029 Bit 7 654321 Bit 0 Read: Bit 15 14 13 12 11 10 9 Bit 8 Write: Reset: Indeterminate after reset Figure 22-16. TIM Channel 1 Register High (TCH1H) Address: T1CH1L, $002A Bit 7 654321 Bit 0 Read: Bit 7 654321 Bit 0 Write: Reset: Indeterminate after reset Figure 22-17. TIM Channel 1 Register Low (TCH1L) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |