データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OMAP3530ECUS データシート(PDF) 160 Page - Texas Instruments

Click here to check the latest version.
部品番号 OMAP3530ECUS
部品情報  OMAP3530/25 Applications Processor: OMAP 3 Architecture
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECUS データシート(HTML) 160 Page - Texas Instruments

Back Button OMAP3530ECUS Datasheet HTML 156Page - Texas Instruments OMAP3530ECUS Datasheet HTML 157Page - Texas Instruments OMAP3530ECUS Datasheet HTML 158Page - Texas Instruments OMAP3530ECUS Datasheet HTML 159Page - Texas Instruments OMAP3530ECUS Datasheet HTML 160Page - Texas Instruments OMAP3530ECUS Datasheet HTML 161Page - Texas Instruments OMAP3530ECUS Datasheet HTML 162Page - Texas Instruments OMAP3530ECUS Datasheet HTML 163Page - Texas Instruments OMAP3530ECUS Datasheet HTML 164Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 264 page
background image
gpmc_clk
gpmc_ncsx
gpmc_a[10:1]
gpmc_nbe0_cle
gpmc_nbe1
gpmc_nadv_ale
gpmc_noe
gpmc_d[15:0]
gpmc_waitx
gpmc_io_dir
Valid Address
D0
D1
D2
D3
OUT
OUT
IN
OUT
F0
F12
F13
F13
F12
F4
F1
F1
F2
F6
F3
F7
F8
F8
F9
F10
F11
F21
F22
F6
F7
030-022
F23
F24
OMAP3530/25 Applications Processor
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
www.ti.com
In gpmc_ncsx, x is equal to 0, 1, 2, 3, 4, 5, 6, or 7. In gpmc_waitx, x is equal to 0, 1, 2, or 3.
Figure 6-3. GPMC/NOR Flash – Synchronous Burst Read – 4x16-bit (GpmcFCLKDivider = 0)
160
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More