| データシートサーチシステム |
|
OMAP3530ECBB データシート(PDF) 170 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBB データシート(HTML) 170 Page - Texas Instruments |
|
170 / 264 page ![]() GPMC_FCLK gpmc_clk gpmc_ncsx gpmc_a[26:17] gpmc_nbe0_cle gpmc_nbe1 gpmc_nadv_ale gpmc_noe gpmc_a[16:1]_d[15:0] gpmc_io_dir gpmc_waitx Address(MSB) Valid Valid Address(LSB) DataIN DataIN OUT IN OUT FA0 FA9 FA10 FA3 FA13 FA29 FA1 FA37 FA12 FA4 FA10 FA0 FA5 030-030 FA15 FA14 OMAP3530/25 Applications Processor SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 www.ti.com Figure 6-11. GPMC/Multiplexed NOR Flash – Asynchronous Read – Single Word Timing(1)(2)(3) (1) In gpmc_ncsx, x is equal to 0, 1, 2, 3, 4, 5, 6, or 7. In gpmc_waitx, x is equal to 0, 1, 2, or 3. (2) FA5 parameter illustrates amount of time required to internally sample input data. It is expressed in number of GPMC functional clock cycles. From start of read cycle and after FA5 functional clock cycles, input data is internally sampled by active functional clock edge. FA5 value must be stored inside AccessTime register bit field. (3) GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally. 170 TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS Submit Documentation Feedback |