データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OMAP3530ECBB データシート(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
部品番号 OMAP3530ECBB
部品情報  OMAP3530/25 Applications Processor: OMAP 3 Architecture
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB データシート(HTML) 119 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 115Page - Texas Instruments OMAP3530ECBB Datasheet HTML 116Page - Texas Instruments OMAP3530ECBB Datasheet HTML 117Page - Texas Instruments OMAP3530ECBB Datasheet HTML 118Page - Texas Instruments OMAP3530ECBB Datasheet HTML 119Page - Texas Instruments OMAP3530ECBB Datasheet HTML 120Page - Texas Instruments OMAP3530ECBB Datasheet HTML 121Page - Texas Instruments OMAP3530ECBB Datasheet HTML 122Page - Texas Instruments OMAP3530ECBB Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 264 page
background image
3
ELECTRICAL CHARACTERISTICS
3.1 Power Domains
OMAP3530/25 Applications Processor
www.ti.com
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
The OMAP3530/25 device integrates enhanced features that dynamically adapt energy consumption
according to application needs and performance requirements.
The OMAP3530/25 device includes an enhanced power-management scheme based on:
• Nine independent functional voltage domains on chip partitioning
• Multiple voltage domains
• Voltage scaling support
• Enhanced memory retention support
• Optimized device off mode
• Centralized management of power, reset, and clock
The external power supplies of OMAP3530/25 are:
• vdd_mpu_iva for the ARM and IVA2.2 processors
• vdd_core for macros
• vdds for IO macros
• vdds_mem for memory macros
• vdds_sram for SRAM LDOs
• vdds_dpll_dll for DLL IO
• vdds_dpll_per for peripheral DPLLs
• vdds_wkup_bg for wakeup LDO and VDDA (2 LDOs: SRAM and BandGap)
• vdda_dac for video DAC
• vdds_mmc1 and vdds_mmc1a for MMC IO
• The supply voltages are detailed in Table 3-3.
Figure 3-1 illustrates the power domains:
Submit Documentation Feedback
ELECTRICAL CHARACTERISTICS
119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More