| データシートサーチシステム |
|
OMAP3530ECBB72 データシート(PDF) 199 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBB72 データシート(HTML) 199 Page - Texas Instruments |
|
199 / 264 page ![]() rfbi_a0 WeCycleTime CsPulseWidth WeCycleTime CsOffTime CsOnTime WeOnTime WeOffTime DATA1 DATA0 CsOffTime CsOnTime WeOffTime WeOnTime rfbi_csx rfbi_wr rfbi_da[15:0] rfbi_rd 034-002 DATA1 DATA0 rfbi_a0 rfbi_csx rfbi_wr rfbi_da[15:0] rfbi_rd AccessTime ReCycleTime AccessTime ReCycleTime CsPulseWidth CsOffTime CsOnTime CsOffTime CsOnTime ReOnTime ReOffTime ReOnTime ReOffTime DR0 DR1 034-003 OMAP3530/25 Applications Processor www.ti.com SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 Figure 6-30. LCD Display in RFBI Mode – Command / Data Write Mode(1)(2) (1) In rfbi_csx, x is equal to 0 or 1. (2) For more information, see the DSS chapter in the OMAP35x Technical Reference Manual (TRM) [literature number SPRUF98 . Figure 6-31. LCD Display in RFBI Mode – Data Read Mode(1)(2) (1) In rfbi_csx, x is equal to 0 or 1. (2) For more information, see the DSS chapter in the OMAP35x Technical Reference Manual (TRM) [literature number SPRUF98. Submit Documentation Feedback TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS 199 |