| データシートサーチシステム |
|
OMAP3530ECBC データシート(PDF) 175 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBC データシート(HTML) 175 Page - Texas Instruments |
|
175 / 264 page ![]() GPMC_FCLK gpmc_ncsx gpmc_nbe0_cle gpmc_nadv_ale gpmc_noe gpmc_a[16:1]_d[15:0] gpmc_waitx DATA GNF10 GNF13 GNF14 GNF15 GNF12 030-034 GPMC_FCLK gpmc_ncsx gpmc_nbe0_cle gpmc_nadv_ale gpmc_noe gpmc_nwe gpmc_a[16:1]_d[15:0] DATA GNF0 GNF1 GNF4 GNF6 GNF9 GNF3 030-035 OMAP3530/25 Applications Processor www.ti.com SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 Figure 6-15. GPMC/NAND Flash – Data Read Cycle Timing(1)(2)(3) (1) The GNF12 parameter illustrates amount of time required to internally sample input data. It is expressed in number of GPMC functional clock cycles. From start of read cycle and after GNF12 functional clock cycles, input data is internally sampled by active functional clock edge. The GNF12 value must be stored inside AccessTime register bit field. (2) GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally. (3) In gpmc_ncsx, x is equal to 0, 1, 2, 3, 4, 5, 6, or 7. In gpmc_waitx, x is equal to 0 ,1, 2, or 3. In gpmc_ncsx, x is equal to 0, 1, 2, 3, 4, 5, 6, or 7. In gpmc_waitx, x is equal to 0 or 1. Figure 6-16. GPMC/NAND Flash – Data Write Cycle Timing Submit Documentation Feedback TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS 175 |