データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CP00101R000JE14 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 CP00101R000JE14
部品情報  Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CP00101R000JE14 データシート(HTML) 1 Page - Vishay Siliconix

  CP00101R000JE14 Datasheet HTML 1Page - Vishay Siliconix CP00101R000JE14 Datasheet HTML 2Page - Vishay Siliconix CP00101R000JE14 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CP High Volume
www.vishay.com
Vishay Dale
Revision: 14-Aug-12
1
Document Number: 30113
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
FEATURES
• High performance for low cost
• High power to size ratio
• Ceramic cases are available with circuit board
stand-offs (designated with a ...3 model ending)
• Special cement potting compound and ceramic
case provide high thermal conductivity in a
fireproof package
• Material
categorization:
For
definitions
of
compliance please see www.vishay.com/doc?99912
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL MODEL
POWER RATING
P40 °C
W
RESISTANCE RANGE
WIREWOUND
RESISTANCE RANGE
METAL OXIDE
TOLERANCE
± %
WEIGHT
(typical)
g
CP0002
2
0.1 to 100
101 to 30K
5, 10
2.0
CP0003
3
0.1 to 100
101 to 33K
5, 10
3.4
CP0005
5
0.1 to 100
101 to 50K
5, 10
3.6
CP0005...3
5
0.1 to 100
101 to 50K
5, 10
4.8
CP0007
7
0.1 to 100
101 to 50K
5, 10
5.0
CP0007...3
7
0.1 to 100
101 to 50K
5, 10
6.8
CP0010
10
0.1 to 100
101 to 50K
5, 10
9.5
CP0010...3
10
0.1 to 100
101 to 50K
5, 10
9.9
CP0015
15
0.1 to 100
101 to 50K
5, 10
16.8
CP0020
20
0.1 to 100
101 to 50K
5, 10
22.8
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WIREWOUND CHARACTERISTICS
METAL OXIDE CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 400
± 400
Short Time Overload
-
5 x rated power for 5 s
5 x rated power for 5 s
Terminal Strength
lb
10 minimum
10 minimum
Operating Temperature Range
°C
- 65 to + 275
- 65 to + 225
Dielectric Withstanding Voltage
VAC
1000
1000
Maximum Working Voltage
V
(P x R)1/2
(P x R)1/2
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: CP000515R00JE663
GLOBAL MODEL
VALUE
TOLERANCE
PACKAGING
SPECIAL
(See Standard Electrical
Specifications Global
Model column for
options)
R = Decimal
K = Thousand
R1500 = 0.15
1K500 = 1500
J = ± 5.0 %
K = ± 10.0 %
E66 = Lead (Pb)-free bulk pack
(Dash Number)
(up to 3 digits)
From 1 to 999
as applicable
P
0
0
051
5
R
00
J
E
6
6
C
3


同様の部品番号 - CP00101R000JE14

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
CP002M VISHAY-CP002M Datasheet
227Kb / 3P
   Wirewound Resistors, Commercial Power, Surface Mount
Revision: 05-Apr-11
logo
Jiangsu High diode Semi...
CP0080SC HDSEMI-CP0080SC Datasheet
1Mb / 5P
   SMB Plastic-Encapsulate Diodes
More results

同様の説明 - CP00101R000JE14

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
CPHV VISHAY-CPHV Datasheet
90Kb / 3P
   Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
Revision: 14-Aug-12
CPR VISHAY-CPR Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power, Radial Terminals
Revision: 05-Feb-2020
AMW VISHAY-AMW Datasheet
152Kb / 7P
   Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
14-Feb-08
AMWS VISHAY-AMWS Datasheet
138Kb / 6P
   Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
19-Feb-08
CPW VISHAY-CPW Datasheet
99Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
Revision: 09-Jan-12
CA0001 VISHAY-CA0001 Datasheet
86Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
Revision: 05-Feb-2020
CA VISHAY-CA Datasheet
98Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
CPCC VISHAY-CPCC Datasheet
88Kb / 3P
   Wirewound/Metal Oxide Resistors, Commercial Power, Vertical Mount
Revision: 05-Feb-2020
ALSR VISHAY-ALSR Datasheet
92Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 18-Feb-16
CW02B10R00JE7013 VISHAY-CW02B10R00JE7013 Datasheet
172Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 01-Feb-12
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com