データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N7002K-T1 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 2N7002K-T1
部品情報  N-Channel 60-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N7002K-T1 データシート(HTML) 1 Page - Vishay Siliconix

  2N7002K-T1 Datasheet HTML 1Page - Vishay Siliconix 2N7002K-T1 Datasheet HTML 2Page - Vishay Siliconix 2N7002K-T1 Datasheet HTML 3Page - Vishay Siliconix 2N7002K-T1 Datasheet HTML 4Page - Vishay Siliconix 2N7002K-T1 Datasheet HTML 5Page - Vishay Siliconix 2N7002K-T1 Datasheet HTML 6Page - Vishay Siliconix 2N7002K-T1 Datasheet HTML 7Page - Vishay Siliconix 2N7002K-T1 Datasheet HTML 8Page - Vishay Siliconix 2N7002K-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
2N7002K
Document Number: 71333
S09-0857-Rev. E, 18-May-09
www.vishay.com
1
N-Channel 60-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
Low On-Resistance: 2
Ω
Low Threshold: 2 V (typ.)
Low Input Capacitance: 25 pF
Fast Switching Speed: 25 ns
Low Input and Output Leakage
TrenchFET® Power MOSFET
2000 V ESD Protection
Compliant to RoHS Directive 2002/95/EC
BENEFITS
Low Offset Voltage
Low-Voltage Operation
Easily Driven Without Buffer
High-Speed Circuits
Low Error Voltage
APPLICATIONS
Direct Logic-Level Interface: TTL/CMOS
Drivers: Relays, Solenoids, Lamps, Hammers, Display,
Memories, Transistors, etc.
Battery Operated Systems
Solid-State Relays
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (mA)
60
2 at VGS = 10 V
300
TO-236
SOT-23
1
2
3
Top View
2N7002K (7K)*
* Marking Code
G
S
D
Ordering Information: 2N7002K-T1
2N7002K-T1-E3 (Lead (Pb)-free)
2N7002K-T1-GE3 (Lead (Pb)-free and Halogen-free)
Notes:
a. Pulse width limited by maximum junction temperature.
b. Surface Mounted on FR4 board.
* Pb containing terminations are not RoHS compliant, exemptions may apply.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
b
TA = 25 °C
ID
300
mA
TA = 100 °C
190
Pulsed Drain Currenta
IDM
800
Power Dissipationb
TA = 25 °C
PD
0.35
W
TA = 100 °C
0.14
Maximum Junction-to-Ambientb
RthJA
350
°C/W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C


同様の部品番号 - 2N7002K-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
2N7002K-T1-E3 VISHAY-2N7002K-T1-E3 Datasheet
219Kb / 9P
   N-Channel 60-V (D-S) MOSFET
Rev. E, 18-May-09
logo
Analog Devices
2N7002K-T1-E3 AD-2N7002K-T1-E3 Datasheet
1Mb / 12P
   Evaluating the LTC2688 16-Channel, 16-Bit Voltage Output SoftSpan DAC
More results

同様の説明 - 2N7002K-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com