| データシートサーチシステム |
|
3G5A2-RPT01-PE データシート(PDF) 102 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
3G5A2-RPT01-PE データシート(HTML) 102 Page - Omron Electronics LLC |
|
102 / 182 page ![]() 89 B A CPU Bus Unit error? NO YES (A40207 ON) SYSMAC BUS/2 error? NO YES (A40206 ON) SYSMAC BUS error? NO YES (A40205 ON) Battery error? NO YES (A40204 ON) CPU Bus Unit setting error? NO YES (A40203 ON) Momentary power interrup- tion error? NO YES (A40202 ON) (From preceding page) (To preceding page) Parity error occurs. Check erroneous Unit with word A422 Replace Unit Check Maser and Slave addresses with words A424/A480 to A487 Check Master and Slave addresses with words A425/A470 to A477 A42615 ON: CPU battery error; A42614 ON: Memory card battery error Unit No. is different from registered No. Check erro- neous Unit with word A427 Check supply voltage and power supply wiring ALARM indicator does not go OFF even after all er- rors have been checked and corrected Check noise source and environment. Turn off erro- neous bit of word A001 and restart Check cable and power supply of Slave Check cable and Power Supply Unit of Slave Rack Replace battery. Check connection of battery Change setting of Unit No., or create I/O table I/O Check Flowchart It is assumed that the ladder diagram shown below is programmed and that SOL1 malfunctions. 000500 SOL1 000500 (LS1) 000002 (LS2) 000003 Given such a malfunction, the flowchart on the following page may be used to help locate the problem. Troubleshooting Flowcharts Section 5-2 |