| データシートサーチシステム |
|
STA381BW データシート(PDF) 102 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA381BW データシート(HTML) 102 Page - STMicroelectronics |
|
102 / 174 page ![]() Register description: New Map STA381BW 102/174 DocID018835 Rev 8 The charge pump can be synchronized with the PWM frame in order to minimize the crosstalk between the charge pump and the PWM waveform. This functionality cannot be activated when the PWMS bit (address 0x15 bit D4) is set to 1. 6.37 Coefficient RAM CRC protection (address 0x71-0x7D) D7 D6 D5 D4 D3 D2 D1 D0 BQCKE[7] BQCKE[6] BQCKE[5] BQCKE[4] BQCKE[3] BQCKE[2] BQCKE[1] BQCKE[0] 00000000 D7 D6 D5 D4 D3 D2 D1 D0 BQCKE[15] BQCKE[14] BQCKE[13] BQCKE[12] BQCKE[11] BQCKE[10] BQCKE[9] BQCKE[8] 00000000 D7 D6 D5 D4 D3 D2 D1 D0 BQCKE[23] BQCKE[22] BQCKE[21] BQCKE[20] BQCKE[19] BQCKE[18] BQCKE[17] BQCKE[16] 00000000 D7 D6 D5 D4 D3 D2 D1 D0 XCCKE[7] XCCKE[6] XCCKE[5] XCCKE[4] XCCKE[3] XCCKE[2] XCCKE[1] XCCKE[0] 00000000 D7 D6 D5 D4 D3 D2 D1 D0 XCCKE[15] XCCKE[14] XCCKE[13] XCCKE[12] XCCKE[11] XCCKE[10] XCCKE[9] XCCKE[8] 00000000 D7 D6 D5 D4 D3 D2 D1 D0 XCCKE[23] XCCKE[22] XCCKE[21] XCCKE[20] XCCKE[19] XCCKE[18] XCCKE[17] XCCKE[16] 00000000 D7 D6 D5 D4 D3 D2 D1 D0 BQCKR[7] BQCKR[6] BQCKR[5] BQCKR[4] BQCKR[3] BQCKR[2] BQCKR[1] BQCKR[0] 00000000 D7 D6 D5 D4 D3 D2 D1 D0 BQCKR[15] BQCKR[14] BQCKR[13] BQCKR[12] BQCKR[11] BQCKR[10] BQCKR[9] BQCKR[8] 00000000 D7 D6 D5 D4 D3 D2 D1 D0 BQCKR[23] BQCKR[22] BQCKR[21] BQCKR[20] BQCKR[19] BQCKR[18] BQCKR[17] BQCKR[16] 00000000 D7 D6 D5 D4 D3 D2 D1 D0 XCCKR[23] XCCKR[22] XCCKR[21] XCCKR[20] XCCKR[19] XCCKR[18] XCCKR[17] XCCKR[16] 00000000 D7 D6 D5 D4 D3 D2 D1 D0 XCCKR[23] XCCKR[22] XCCKR[21] XCCKR[20] XCCKR[19] XCCKR[18] XCCKR[17] XCCKR[16] 00000000 D7 D6 D5 D4 D3 D2 D1 D0 XCCKR[23] XCCKR[22] XCCKR[21] XCCKR[20] XCCKR[19] XCCKR[18] XCCKR[17] XCCKR[16] |