| データシートサーチシステム |
|
ST7FLITE25F2B6 データシート(PDF) 111 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FLITE25F2B6 データシート(HTML) 111 Page - STMicroelectronics |
|
111 / 166 page ![]() ST7LITE20F2 ST7LITE25F2 ST7LITE29F2 Instruction set Doc ID 8349 Rev 5 111/166 12.1.1 Inherent All Inherent instructions consist of a single byte. The opcode fully specifies all the required information for the CPU to process the operation. Short Indirect Indexed ld A,([$10],X) 00..1FE 00..FF byte + 2 Long Indirect Indexed ld A,([$10.w],X) 0000..FFFF 00..FF word + 2 Relative Direct − jrne loop PC-128/ PC+127(1) −− + 1 Relative Indirect − jrne [$10] PC-128/ PC+127(1) 00..FF byte + 2 Bit Direct − bset $10,#7 00..FF −− + 1 Bit Indirect − bset [$10],#7 00..FF 00..FF byte + 2 Bit Direct Relative btjt $10,#7,skip 00..FF −− + 2 Bit Indirect Relative btjt [$10],#7,skip 00..FF 00..FF byte + 3 1. At the time the instruction is executed, the Program Counter (PC) points to the instruction following JRxx. Table 49. ST7 addressing mode overview (continued) Table 50. Inherent instructions Instruction Function NOP No Operation TRAP S/W Interrupt WFI WAIT for Interrupt (low power mode) HALT HALT oscillator (lowest power mode) RET Sub-routine Return IRET Interrupt sub-routine Return SIM Set Interrupt Mask (level 3) RIM Reset Interrupt Mask (level 0) SCF Set Carry Flag RCF Reset Carry Flag RSP Reset Stack Pointer LD Load CLR Clear PUSH/POP Push/Pop to/from the stack INC/DEC Increment/Decrement TNZ Test Negative or Zero CPL, NEG 1 or 2 Complement MUL Byte Multiplication |