| データシートサーチシステム |
|
ST7FLITE25F2M6 データシート(PDF) 163 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FLITE25F2M6 データシート(HTML) 163 Page - STMicroelectronics |
|
163 / 166 page ![]() ST7LITE20F2 ST7LITE25F2 ST7LITE29F2 Revision history Doc ID 8349 Rev 5 163/166 17 Revision history Table 101. Revision history Date Revision Description of changes 30-Aug-2004 3 Updated Figure 62. Typical IDD in WAIT vs. fCPU with correct data Added data for Fcpu @ 1MHz into Section 13.4.1 Supply Current table. EnabledProgramming Capability for EMU3, Table 26 Reset delay in section 11.1.3 on page 53 changed to 30µs Altered note 1 for section 13.2.3 on page 94 removing references to RESET Removed sentence relating to an effective change only after overflow for CK[1:0], page 61 MOD00 replaced by 0Ex in Figure 37 on page 58 Added Note 2 related to Exit from Active Halt, section 11.2.5 on page 60 Changed section 11.4.2 on page 71 Changed section 11.4.3.3 on page 74 Added illegal opcode detection to page 1, section 7.6 on page 30, section 12 on page 87 Clarification of Flash Readout protection, section 4.5.1 on page 14 Added note 4 and description relating to Total Percentage in Error and Amplifier Output Offset Variation to the ADC Characteristics subsection and table, page 120 Added note 5 and description relating to Offset Variation in Temperature to ADC Characteristics subsection and table, page 120 fPLL value of 1MHz quoted as Typical instead of a Minimum in section 13.3.4.1 on page 97 Updated fSCK in section 13.10.1 on page 115 to fCPU/4 and fCPU/2 CorrectedfCPU in SLOW and SLOW WAIT modes in section 13.4.1 on page 101 Max values updated for ADC Accuracy, page 118 Socket Board development kit details added in Table 27 on page 126 Notes indicating that PB4 cannot be used as an external interrupt in HALT mode, section 16.6 on page 132 and Section 8.3 PERIPHERAL INTERRUPTS -Removed “optional” referring to VDD in Figure 5 on page 13 -Changed FMP_R option bit description in section 15.1 on page 124 -Added “CLEARING ACTIVE INTERRUPTS OUTSIDE INTERRUPT ROUTINE” on page 132 |