データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7FLITE29F2M7 データシート(PDF) 163 Page - STMicroelectronics

部品番号 ST7FLITE29F2M7
部品情報  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE29F2M7 データシート(HTML) 163 Page - STMicroelectronics

Back Button ST7FLITE29F2M7 Datasheet HTML 158Page - STMicroelectronics ST7FLITE29F2M7 Datasheet HTML 159Page - STMicroelectronics ST7FLITE29F2M7 Datasheet HTML 160Page - STMicroelectronics ST7FLITE29F2M7 Datasheet HTML 161Page - STMicroelectronics ST7FLITE29F2M7 Datasheet HTML 162Page - STMicroelectronics ST7FLITE29F2M7 Datasheet HTML 163Page - STMicroelectronics ST7FLITE29F2M7 Datasheet HTML 164Page - STMicroelectronics ST7FLITE29F2M7 Datasheet HTML 165Page - STMicroelectronics ST7FLITE29F2M7 Datasheet HTML 166Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 163 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Revision history
Doc ID 8349 Rev 5
163/166
17
Revision history
Table 101. Revision history
Date
Revision
Description of changes
30-Aug-2004
3
Updated Figure 62. Typical IDD in WAIT vs. fCPU with correct data
Added data for Fcpu @ 1MHz into Section 13.4.1 Supply Current table.
EnabledProgramming Capability for EMU3, Table 26
Reset delay in section 11.1.3 on page 53 changed to 30µs
Altered note 1 for section 13.2.3 on page 94 removing references to
RESET
Removed sentence relating to an effective change only after overflow
for CK[1:0], page 61
MOD00 replaced by 0Ex in Figure 37 on page 58
Added Note 2 related to Exit from Active Halt, section 11.2.5 on page
60
Changed section 11.4.2 on page 71
Changed section 11.4.3.3 on page 74
Added illegal opcode detection to page 1, section 7.6 on page 30,
section 12 on page 87
Clarification of Flash Readout protection, section 4.5.1 on page 14
Added note 4 and description relating to Total Percentage in Error and
Amplifier Output Offset Variation to the ADC Characteristics
subsection and table, page 120
Added note 5 and description relating to Offset Variation in
Temperature to ADC Characteristics subsection and table, page 120
fPLL value of 1MHz quoted as Typical instead of a Minimum in section
13.3.4.1 on page 97
Updated fSCK in section 13.10.1 on page 115 to fCPU/4 and fCPU/2
CorrectedfCPU in SLOW and SLOW WAIT modes in section 13.4.1 on
page 101
Max values updated for ADC Accuracy, page 118
Socket Board development kit details added in Table 27 on page 126
Notes indicating that PB4 cannot be used as an external interrupt in
HALT mode, section 16.6 on page 132 and Section 8.3 PERIPHERAL
INTERRUPTS
-Removed “optional” referring to VDD in Figure 5 on page 13
-Changed FMP_R option bit description in section 15.1 on page 124
-Added “CLEARING ACTIVE INTERRUPTS OUTSIDE INTERRUPT
ROUTINE” on page 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More