| データシートサーチシステム |
|
PIC16F883-ESSQTP データシート(PDF) 191 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-ESSQTP データシート(HTML) 191 Page - Microchip Technology |
|
191 / 338 page ![]() 2006-2012 Microchip Technology Inc. DS41291G-page 191 PIC16F882/883/884/886/887 FIGURE 13-4: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 0) FIGURE 13-5: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 1) SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 bit 0 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPIF (SMP = 0) CKE = 0) CKE = 0) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Optional Next Q4 Cycle after Q2 SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 bit 0 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPIF (SMP = 0) CKE = 1) CKE = 1) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Required Next Q4 Cycle after Q2 |