| データシートサーチシステム |
|
DSPIC33FJMC304ESS データシート(PDF) 324 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJMC304ESS データシート(HTML) 324 Page - Microchip Technology |
|
324 / 330 page ![]() dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304 DS70283K-page 324 © 2007-2012 Microchip Technology Inc. SPIx Module Slave Mode (CKE = 1)......................... 287 Timing Specifications 10-bit ADC Conversion Requirements...................... 279 12-bit ADC Conversion Requirements...................... 277 I2Cx Bus Data Requirements (Master Mode) ........... 271 I2Cx Bus Data Requirements (Slave Mode) ............. 273 Motor Control PWM Requirements ........................... 255 Output Compare Requirements ................................ 253 PLL Clock.......................................................... 246, 285 QEI External Clock Requirements ............................ 252 QEI Index Pulse Requirements................................. 257 Quadrature Decoder Requirements.......................... 256 Reset, Watchdog Timer, Oscillator Start-up Timer, Power-up Timer and Brown-out Reset Requirements ......................................... 249 Simple OC/PWM Mode Requirements ..................... 254 Timer1 External Clock Requirements ....................... 250 Timer2 External Clock Requirements ....................... 251 Timer3 External Clock Requirements ....................... 251 U UART Module UART1 Register Map.................................................. 39 Universal Asynchronous Receiver Transmitter (UART) ... 193 Using the RCON Status Bits............................................... 69 V Voltage Regulator (On-Chip) ............................................ 215 W Watchdog Time-out Reset (WDTR).................................... 68 Watchdog Timer (WDT)............................................ 211, 216 Programming Considerations ................................... 216 WWW Address ................................................................. 325 WWW, On-Line Support ....................................................... 7 |