データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJMC204HML データシート(PDF) 266 Page - Microchip Technology

部品番号 DSPIC33FJMC204HML
部品情報  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HML データシート(HTML) 266 Page - Microchip Technology

Back Button DSPIC33FJMC204HML Datasheet HTML 262Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 263Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 264Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 265Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 266Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 267Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 268Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 269Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 270Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 266
© 2007-2012 Microchip Technology Inc.
FIGURE 24-20:
SPIx SLAVE MODE (FULL-DUPLEX CKE = 0, CKP = 1, SMP = 0) TIMING
CHARACTERISTICS
SSX
SCKX
(CKP =
0)
SCKX
(CKP =
1)
SDOX
SP50
SP40
SP41
SP30,SP31
SP51
SP35
MSb
LSb
Bit 14 - - - - - -1
MSb In
Bit 14 - - - -1
LSb In
SP52
SP73
SP72
SP72
SP73
SP70
Note: Refer to Figure 24-1 for load conditions.
SDIX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More