データシートサーチシステム |
|
KA555 データシート(PDF) 3 Page - Fairchild Semiconductor |
|
|
KA555 データシート(HTML) 3 Page - Fairchild Semiconductor |
3 / 14 page KA555 3 Electrical Characteristics (TA = 25 °C, VCC = 5 ~ 15V, unless otherwise specified) Notes: 1. Supply current when output is high is typically 1mA less at VCC = 5V 2. Tested at VCC = 5.0V and VCC = 15V 3. This will determine maximum value of RA + RB for 15V operation, the max. total R = 20M Ω, and for 5V operation the max. total R = 6.7M Ω Parameter Symbol Conditions Min. Typ. Max. Unit Supply Voltage VCC -4.5 - 16 V Supply Current *1(Low Stable) ICC VCC = 5V, RL = ∞ -3 6 mA VCC = 15V, RL = ∞ -7.5 15 mA Timing Error *2 (Monos Table) Initial Accuracy Drift with Temperature Drift with Supply Voltage ACCUR ∆t/∆T ∆t/∆VCC RA = 1K Ω to100KΩ C = 0.1 µF -1.0 50 0.1 3.0 0.5 % ppm/ °C %/V Timing Error *2(Astable) Initial Accuracy Drift with Temperature Drift with Supply Voltage ACCUR ∆t/∆T ∆t/∆VCC RA = 1K Ω to 100KΩ C = 0.1 µF - 2.25 150 0.3 -% ppm/ °C %/V Control Voltage VCC VCC = 15V 9.0 10.0 11.0 V VCC = 5V 2.6 3.33 4.0 V Threshold Voltage VTH VCC = 15 V - 10.0 - V VCC = 5V - 3.33 - V Threshold Current *3 ITH - - 0.1 0.25 µA Trigger Voltage VTR VCC = 5V 1.1 1.67 2.2 V VCC = 15V 4.5 5 5.6 V Trigger Current ITR VTR = 0V 0.01 2.0 µA Reset Voltage VRST - 0.4 0.7 1.0 V Reset Current IRST - 0.1 0.4 mA Low Output Voltage VOL VCC = 15V ISINK = 10mA ISINK = 50mA -0.06 0.3 0.25 0.75 V V VCC = 5V ISINK = 5mA - 0.05 0.35 V High Output Voltage VOH VCC = 15V ISOURCE = 200mA ISOURCE = 100mA 12.75 12.5 13.3 -V V VCC = 5V ISOURCE = 100mA 2.75 3.3 - V Rise Time of Output tR - - 100 - ns Fall Time of Output tF - - 100 - ns Discharge Leakage Current ILKG - - 20 100 nA |
同様の部品番号 - KA555 |
|
同様の説明 - KA555 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |