データシートサーチシステム |
|
KA555 データシート(PDF) 8 Page - Fairchild Semiconductor |
|
|
KA555 データシート(HTML) 8 Page - Fairchild Semiconductor |
8 / 14 page KA555 8 4. Pulse Width Modulation The timer output waveform may be changed by modulating the control voltage applied to the timer's pin 5 and changing the reference of the timer's internal comparators. Figure 9. illustrates the pulse width modulation circuit. When the continuous trigger pulse train is applied in the monos table mode, the timer output width is modulated according to the signal applied to the control terminal. Sine wave as well as other waveforms may be applied as a signal to the control terminal. Figure 10 shows an example of pulse width modulation waveform. 5. Pulse Position Modulation If the modulating signal is applied to the control terminal while the timer is connected for astable operation as in Figure 11, the timer becomes a pulse position modulator. In the pulse position modulator, the reference of the timer's internal comparators is modulated which in turn modulates the timer output according to the modulation signal applied to the control terminal. Figure 12 illustrates a sine wave for modulation signal and the resulting output pulse position modulation : however, any wave shape could be used. Figure 8. Waveforms of Frequency Divider Operation 8 4 7 1 2 3 5 6 CONT GND Vcc DISCH THRES RESET TRIG OUT +Vcc Trigger R A C Output Input Figure 9. Circuit for Pulse Width Modulation Figure 10. Waveforms of Pulse Width Modulation |
同様の部品番号 - KA555 |
|
同様の説明 - KA555 |
|
|
リンク URL |