データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA555 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 KA555
部品情報  Single Timer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA555 データシート(HTML) 1 Page - Fairchild Semiconductor

  KA555 Datasheet HTML 1Page - Fairchild Semiconductor KA555 Datasheet HTML 2Page - Fairchild Semiconductor KA555 Datasheet HTML 3Page - Fairchild Semiconductor KA555 Datasheet HTML 4Page - Fairchild Semiconductor KA555 Datasheet HTML 5Page - Fairchild Semiconductor KA555 Datasheet HTML 6Page - Fairchild Semiconductor KA555 Datasheet HTML 7Page - Fairchild Semiconductor KA555 Datasheet HTML 8Page - Fairchild Semiconductor KA555 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2
Features
• High Current Drive Capability (200mA)
• Adjustable Duty Cycle
• Temperature Stability of 0.005%/
°C
• Timing From Msec to Hours
• Turn Off Time Less Than 2Msec
Applications
• Precision Timing
• Pulse Generation
• Time Delay Generation
• Sequential Timing
Description
The KA555 is a highly stable controller capable of
producing accurate timing pulses. With monos table
operation, the time delay is controlled by one external
resistor and one capacitor. With astable operation, the
frequency and duty cycle are accurately controlled with two
external resistors and one capacitor.
8-DIP
8-SOP
1
1
Internal Block Diagram
F/F
OutPut
Stage
1
7
5
2
3
4
6
8
RR
R
Comp.
Comp.
Discharging Tr.
Vref
Vcc
Discharge
Threshold
Control
Voltage
GND
Trigger
Output
Reset
KA555
Single Timer


同様の部品番号 - KA555

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA555 FAIRCHILD-KA555 Datasheet
156Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
More results

同様の説明 - KA555

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com