データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1055497-1 データシート(PDF) 8 Page - Tyco Electronics

部品番号 1055497-1
部品情報  RF Coax Products
Download  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

1055497-1 データシート(HTML) 8 Page - Tyco Electronics

Back Button 1055497-1 Datasheet HTML 4Page - Tyco Electronics 1055497-1 Datasheet HTML 5Page - Tyco Electronics 1055497-1 Datasheet HTML 6Page - Tyco Electronics 1055497-1 Datasheet HTML 7Page - Tyco Electronics 1055497-1 Datasheet HTML 8Page - Tyco Electronics 1055497-1 Datasheet HTML 9Page - Tyco Electronics 1055497-1 Datasheet HTML 10Page - Tyco Electronics 1055497-1 Datasheet HTML 11Page - Tyco Electronics 1055497-1 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 320 page
background image
8
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
7-16 Series Connectors (Continued)
Materials
Female Contacts (inner and outer)
Beryllium Copper
Other Metal Parts
Brass
Insulators
Fluorocarbon Polymer
Gaskets
Silicone Rubber
Finishes
Parts in the electrical path
Silver over copper
Other Metal Parts
White Bronze
Electrical
Frequency Range
DC-7GHz
Impedance
50 Ohms
Insulation Resistance
10,000 Megohms Minimum
2.7kV (connector)
Maximum Working Voltage rms (sea level)
1.4kV (versions for RG 213, 214 and 393)
Maximum Proof Voltage rms (sea level)
2.7kV (connector)
1.4kV (versions for RG 213, 214 and 393)
Center Contact Resistance
0.8 milliohm (max.) after conditioning
Insertion Loss
<1.5dB to 5 GHz
VSWR
1.02 + 0.03f up to 7 GHz
where f is measured in GHz
Intermodulation
Better than –150dBc
Mechanical
Coupling Torque
18.5 – 22 ft.-lbs.
Proof Torque
25 ft.-lbs.
Mechanical Endurance
500 mating cycles
Environmental
Temperature Rating
–55°C to +155°C
General Specifications


同様の部品番号 - 1055497-1

メーカー部品番号データシート部品情報
logo
SICK AG
1055497 SICK-1055497 Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
More results

同様の説明 - 1055497-1

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
RF Coax Connectors
logo
Tyco Electronics
SMB MACOM-SMB Datasheet
503Kb / 17P
RF Coax Connectors
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
COAX RF H155 PE
2019 Belden, Inc
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
N-Type RF Coax Cable Assemblies
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
RG-174 RF Coax Cable Assemblies
logo
AVX Corporation
L06031R2CGSTR AVX-L06031R2CGSTR Datasheet
123Kb / 5P
For RoHS compliant products, SMD High-Q RF Inductor
logo
Rosenberger Hochfrequen...
LH1-032-XXX-Y ROSENBERGER-LH1-032-XXX-Y Datasheet
75Kb / 2P
CABLE ASSEMBLY MICRO RF / FAKRA-MICRO COAX
logo
Murata Manufacturing Co...
RX5501 MURATA-RX5501 Datasheet
227Kb / 10P
RFM products are now Murata products
RX5000 MURATA-RX5000 Datasheet
239Kb / 10P
RFM products are now Murata products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com