データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XP03312 データシート(PDF) 1 Page - Panasonic Semiconductor

部品番号 XP03312
部品情報  Silicon NPN epitaxial planar type Tr1 Silicon PNP epitaxial planar type Tr2
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XP03312 データシート(HTML) 1 Page - Panasonic Semiconductor

  XP03312_13 Datasheet HTML 1Page - Panasonic Semiconductor XP03312_13 Datasheet HTML 2Page - Panasonic Semiconductor XP03312_13 Datasheet HTML 3Page - Panasonic Semiconductor XP03312_13 Datasheet HTML 4Page - Panasonic Semiconductor XP03312_13 Datasheet HTML 5Page - Panasonic Semiconductor XP03312_13 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Composite Transistors
1
Publication date: May 2009
SJJ00158CED
This product complies with the RoHS Directive (EU 2002/95/EC).
XP03312
Silicon NPN epitaxial planar type (Tr1)
Silicon PNP epitaxial planar type (Tr2)
For digital circuits
■ Features
• Two elements incorporated into one package
(Transistors with built-in resistor)
• Reduction of the mounting area and assembly cost by one half
■ Basic Part Number
• UNR2212 + UNR2112
■ Absolute Maximum Ratings T
a = 25°C
4
Tr1
Tr2
2
5
1
3
Parameter
Symbol
Rating
Unit
Tr1
Collector-base voltage
VCBO
50
V
(Emitter open)
Collector-emitter voltage
VCEO
50
V
(Base open)
Collector current
IC
100
mA
Tr2
Collector-base voltage
VCBO
−50
V
(Emitter open)
Collector-emitter voltage
VCEO
−50
V
(Base open)
Collector current
IC
−100
mA
Overall
Total power dissipation
PT
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
■ Package
• Code
SMini5-G1
• Pin Name
1: Emitter (Tr1)
4: Collector (Tr2)
2: Base (Tr1)
5: Collector (Tr1)
3: Emitter (Tr2)
Base (Tr2)
■ Marking Symbol: 4P
■ Internal Connection


同様の部品番号 - XP03312_13

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
XP03312 PANASONIC-XP03312 Datasheet
51Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
More results

同様の説明 - XP03312_13

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
UP03312 PANASONIC-UP03312 Datasheet
127Kb / 5P
   Silicon NPN epitaxial planar type (Tr1), Silicon PNP epitaxial planar type (Tr2)
NP043A2 PANASONIC-NP043A2 Datasheet
109Kb / 4P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
DMG964010R PANASONIC-DMG964010R Datasheet
400Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
UP04314 PANASONIC-UP04314 Datasheet
113Kb / 5P
   Silicon NPN epitaxial planar type (Tr1) / Silicon PNP epitaxial planar type (Tr2)
XP04654 PANASONIC-XP04654 Datasheet
110Kb / 5P
   Silicon NPN epitaxial planar type (Tr1), Silicon PNP epitaxial planar type (Tr2)
DMG20402 PANASONIC-DMG20402 Datasheet
444Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
UP04601 PANASONIC-UP04601 Datasheet
117Kb / 5P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
DMG563H1 PANASONIC-DMG563H1 Datasheet
388Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
logo
Panasonic Battery Group
DMG963H10R PANASONICBATTERY-DMG963H10R Datasheet
402Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
logo
Panasonic Semiconductor
NP0H3A3 PANASONIC-NP0H3A3 Datasheet
104Kb / 5P
   Silicon PNP epitaxial planar type (Tr1), Silicon NPN epitaxial planar type (Tr2)
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com