データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ILN2003A データシート(PDF) 1 Page - IK Semicon Co., Ltd

部品番号 ILN2003A
部品情報  HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IKSEMICON [IK Semicon Co., Ltd]
ホームページ  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILN2003A データシート(HTML) 1 Page - IK Semicon Co., Ltd

  ILN2003A_13 Datasheet HTML 1Page - IK Semicon Co., Ltd ILN2003A_13 Datasheet HTML 2Page - IK Semicon Co., Ltd ILN2003A_13 Datasheet HTML 3Page - IK Semicon Co., Ltd ILN2003A_13 Datasheet HTML 4Page - IK Semicon Co., Ltd ILN2003A_13 Datasheet HTML 5Page - IK Semicon Co., Ltd ILN2003A_13 Datasheet HTML 6Page - IK Semicon Co., Ltd ILN2003A_13 Datasheet HTML 7Page - IK Semicon Co., Ltd ILN2003A_13 Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TECHNICAL DATA
2013, April, Rev. 05
HIGH-VOLTAGE HIGH-CURRENT
DARLINGTON TRANSISTOR ARRAYS
The ILN2003A are monolithic high-voltage, high-current
Darlington transistor arrays. Each consists of seven n-p-n
Darlington pairs that feature high-voltage outputs with common-
cathode clamp diodes for switching inductive loads. The collector-
current rating of a single Darlington pair is 500 mA. The
Darlington pairs may be paralleled for higher current capability.
Applications include relay drivers, hammer drivers, lamp drivers,
display drivers (LED and gas discharge), line drivers, and logic
buffers.
The ILN2003A has a 2.7-kΩ
each Darlington pair for operation directly with TTL or 5-V
CMOS devices.
 500-mA Rated Collector Current (Single Output)
 High-Voltage Outputs . . . 50 V
 Output Clamp Diodes
 Inputs Compatible With Various Types of Logic
 Relay Driver Applications
LOGIC SYMBOL
LOGIC DIAGRAM
SCHEMATICS (each Darlington Pair)
All resistor values shown are nominal.
ILN2003A
ORDERING INFORMATION
ILN2003AN Plastic
ILN2003AD
SOIC
TA = -40C to 85 C for all packages
ILN2003A: RB = 2.7 kΩ


同様の部品番号 - ILN2003A_13

メーカー部品番号データシート部品情報
logo
Integral Corp.
ILN2003AD INTEGRAL-ILN2003AD Datasheet
291Kb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
IK Semicon Co., Ltd
ILN2003AD IKSEMICON-ILN2003AD Datasheet
293Kb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003AN INTEGRAL-ILN2003AN Datasheet
291Kb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
IK Semicon Co., Ltd
ILN2003AN IKSEMICON-ILN2003AN Datasheet
293Kb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results

同様の説明 - ILN2003A_13

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
High-Voltage, High-Current Darlington Transistor Arrays
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
SN75424N TI-SN75424N Datasheet
112Kb / 7P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
High-Voltage, High-Current Darlington Transistor Arrays
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
High-Voltage High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com