| データシートサーチシステム |
|
MC9S08SH4MPJR データシート(PDF) 113 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC9S08SH4MPJR データシート(HTML) 113 Page - Freescale Semiconductor, Inc |
|
113 / 341 page ![]() Chapter 7 Central Processor Unit (S08CPUV2) MC9S08SH8 MCU Series Data Sheet, Rev. 3 Freescale Semiconductor 109 SUB #opr8i SUB opr8a SUB opr16a SUB oprx16,X SUB oprx8,X SUB ,X SUB oprx16,SP SUB oprx8,SP Subtract A ← (A) – (M) IMM DIR EXT IX2 IX1 IX SP2 SP1 A0 B0 C0 D0 E0 F0 9E D0 9E E0 ii dd hh ll ee ff ff ee ff ff 2 3 4 4 3 3 5 4 pp rpp prpp prpp rpp rfp pprpp prpp ↕ 11 – – ↕ ↕ ↕ SWI Software Interrupt PC ← (PC) + $0001 Push (PCL); SP ← (SP) – $0001 Push (PCH); SP ← (SP) – $0001 Push (X); SP ← (SP) – $0001 Push (A); SP ← (SP) – $0001 Push (CCR); SP ← (SP) – $0001 I ← 1; PCH ← Interrupt Vector High Byte PCL ← Interrupt Vector Low Byte INH 83 11 sssssvvfppp –11– 1––– TAP Transfer Accumulator to CCR CCR ← (A) INH 84 1 p ↕ 11 ↕ ↕ ↕ ↕ ↕ TAX Transfer Accumulator to X (Index Register Low) X ← (A) INH 97 1 p –11– –––– TPA Transfer CCR to Accumulator A ← (CCR) INH 85 1 p –11– –––– TST opr8a TSTA TSTX TST oprx8,X TST ,X TST oprx8,SP Test for Negative or Zero (M) – $00 (A) – $00 (X) – $00 (M) – $00 (M) – $00 (M) – $00 DIR INH INH IX1 IX SP1 3D 4D 5D 6D 7D 9E 6D dd ff ff 4 1 1 4 3 5 rfpp p p rfpp rfp prfpp 011– – ↕ ↕ – TSX Transfer SP to Index Reg. H:X ← (SP) + $0001 INH 95 2 fp –11– –––– TXA Transfer X (Index Reg. Low) to Accumulator A ← (X) INH 9F 1 p –11– –––– Table 7-2. Instruction Set Summary (Sheet 8 of 9) Source Form Operation Object Code Cyc-by-Cyc Details Affect on CCR V 1 1 H I N Z C |